Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L040A-90N Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L040A-90N
Description  4 Mbit (512K x 8) 3V Only CMOS Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L040A-90N Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  F49L040A-90N Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L040A-90N Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L040A-90N Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L040A-90N Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L040A-90N Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L040A-90N Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L040A-90N Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L040A-90N Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L040A-90N Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
EFST
F49L040A
Elite Flash Storage Technology Inc.
Publication Date : Apr. 2005
Revision: 1.0
5/41
7. FUNCTIONAL DESCRIPTION
7.1 Device operation
This section describes the requirements and use
of the device bus operations, which are initiated
through the internal command register. The
register is composed of latches that store the
command, address and data information needed
to execute the command. The contents of the
register serve as inputs to the internal state
machine. The state machine outputs dictate the
function of the device. The F49L040A features
various bus operations as Table 2.
Table 2. F49L040A Operation Modes Selection
ADDRESS
DESCRIPTION
CE
OE
WE
A18
|
A13
A12
|
A10
A9
A8
|
A7
A6
A5
|
A2
A1 A0
DQ0~DQ7
Read
L
L
H
AIN
Dout
Write
L
H
L
AIN
DIN
Output Disable
L
H
H
X
High Z
Standby
H
X
X
X
High Z
Sector Protect(2)
L
H
L
SA
X
VID
X
L
X
H
L
DIN
Sector Unprotect(2)
L
H
L
SA
X
VID
X
H
X
H
L
DIN
Auto-select
See Table 3
Notes:
1.
L= Logic Low = VIL, H= Logic High = VIH, X= Don't Care, SA= Sector Address, VID=11.5V to 12.5V.
AIN= Address In, DIN = Data In, Dout = Data Out.
2. The sector protect and unprotect functions may also be implemented via programming equipment.
Table 3. F49L040A Auto-Select Mode (High Voltage Method)
ADDRESS
DQ0~DQ7
DESCRIPTION
CE
OE
WE
A18
|
A13
A12
|
A10
A9
A8
|
A4
A6
A3
A2
A1
A0
L
L
H
X
X
VID
X
X
L
H
L
L
7FH
L
L
H
X
X
VID
X
X
H
L
L
L
7FH
L
L
H
X
X
VID
X
X
H
H
L
L
7FH
(Manufacturer ID:EFST)
L
L
H
X
X
VID
X
X
L
L
L
L
8CH
(Device ID: F49L040A)
L
L
H
X
X
VID
XXXX
L
H
4FH
Sector Protection Verify
L
L
H
SA
X
VID
X
L
X
X
H
L
Code(2)
Notes :
1.Manufacturer and device codes may also be accessed via the software command sequence in Table 4.
2. Code=00H means unprotected.
Code =01H means protected.


Similar Part No. - F49L040A-90N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L004BA ESMT-F49L004BA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-70N ESMT-F49L004BA-70N Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-70T ESMT-F49L004BA-70T Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-90N ESMT-F49L004BA-90N Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-90T ESMT-F49L004BA-90T Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results

Similar Description - F49L040A-90N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com