Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU1014D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LU1014D
Description  High Performance N-Channel POWERJFET with PN Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LU1014D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LU1014D Datasheet HTML 1Page - List of Unclassifed Manufacturers LU1014D Datasheet HTML 2Page - List of Unclassifed Manufacturers LU1014D Datasheet HTML 3Page - List of Unclassifed Manufacturers LU1014D Datasheet HTML 4Page - List of Unclassifed Manufacturers LU1014D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PWRLITE LU1014D
High Performance N-Channel POWERJFETTM with PN Diode
Features
Superior gate charge x Rdson product (FOM)
Trench Power JFET with low threshold voltage Vth.
Device fully “ON” with Vgs = 0.7V
Optimum for “Low Side” Buck Converters
Excellent for high frequency dc/dc converters
Optimized for Secondary Rectification in isolated DC-DC
Low Rg and low Cds for high speed switching
Applications
DC-DC Converters
Synchronous Rectifiers
PC Motherboard Converters
Step-down power supplies
VRM Modules
IPAK Lead-free Pin Assignments
Description
The Power JFET transistor from Lovoltech is a device that
presents a Low Rdson allowing for improved efficiencies in DC-
DC switching applications. The device is designed with a low
threshold such that drivers can operate at 5V, which reduces the
driver power dissipation and increases the overall efficiency.
Lower threshold produces faster turn-on/turn-off, which
minimizes the required dead time. A PN Diode is added for
applications where a freewheeling diode is required.
This product has tin plated leads.
1 2
3
Case TO251 (IPAK)
1 2
3
Case TO251 (IPAK)
N – Channel PowerJFET
with PN Diode
S
D
G
S
D
G
Pin Definitions
Pin Number
Pin Name
Pin Function Description
Product Summary
1
Gate
Gate. Transistor Gate
VDS (V)
Rdson (
Ω)
ID (A)
2, 4
Drain
Drain. Transistor Drain
24V
0.0065
501
3
Source
Source. Transistor Source
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Drain-Source Voltage
VDS
24
V
Gate-Source Voltage
VGS
-12
V
Gate-Drain Voltage
VGD
-28
V
Continuous Drain Current
ID
501
A
Pulsed Drain Current
ID
100
A
Single Pulse Drain-to-Source Avalanche Energy at 25
°C
(VDD= 6VDC, IL=60APK, L=0.3mH, RG=100 Ω)
EAS
200
mJ
Junction Temperature
TJ
-55 to 150
°C
°C
Storage Temperature
TSTG
-65 to 150
°C
°C
Lead Soldering Temperature, 10 seconds
T
260
°C
°C
Power Dissipation (Derated at 25
°C)
PD
69
W
LD1014D Rev 1.05 03-05


Similar Part No. - LU1014D

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LU101 SEOUL-LU101 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LU101 SEOUL-LU101 Datasheet
360Kb / 13P
   CYAN LAMP LED
LU101 SEOUL-LU101 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LU101 SEOUL-LU101 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LU101 SEOUL-LU101 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LU1014D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1014D ETC1-LD1014D Datasheet
600Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1010DA ETC1-LU1010DA Datasheet
562Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1010DA ETC1-LD1010DA Datasheet
605Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1010D ETC-LD1010D Datasheet
662Kb / 5P
   High Performance N-Channel POWERJFET with PN Diodes
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
LD1106S ETC1-LD1106S Datasheet
764Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
LU1004D ETC1-LU1004D Datasheet
605Kb / 5P
   High Performance N-Ch Vertical POWERJET with PN Diode
LVS2100N ETC1-LVS2100N Datasheet
148Kb / 5P
   N-Channel PowerJFET
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
Leshan Radio Company
LBSS138V3.3T1G LRC-LBSS138V3.3T1G Datasheet
396Kb / 3P
   Dual Integrated Circuit N-Channel/PN Duals
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com