Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3F8289 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S3F8289
Description  8-BIT CMOS MICROCONTROLLERS
Download  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F8289 Datasheet(HTML) 4 Page - Samsung semiconductor

  S3F8289 Datasheet HTML 1Page - Samsung semiconductor S3F8289 Datasheet HTML 2Page - Samsung semiconductor S3F8289 Datasheet HTML 3Page - Samsung semiconductor S3F8289 Datasheet HTML 4Page - Samsung semiconductor S3F8289 Datasheet HTML 5Page - Samsung semiconductor S3F8289 Datasheet HTML 6Page - Samsung semiconductor S3F8289 Datasheet HTML 7Page - Samsung semiconductor S3F8289 Datasheet HTML 8Page - Samsung semiconductor S3F8289 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 369 page
background image
REVISION DESCRIPTIONS
1. CHAPTHER 20 ELECTRICAL DATA
Table 20-15. Internal Flash ROM Electrical Characteristics (page 20-15)
(TA = –25 °C to + 85 °C, VDD = 2.0 V to 3.6 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Programming Time (1)
Ftp
30
µs
Chip Erasing Time (2)
Ftp1
50
ms
Sector Erasing Time (3)
Ftp2
10
ms
Data Access Time
FtRS
25
ns
Number of Writing/Erasing
FNWE
10,000(4)
Times
NOTES:
1.
The Programming time is the time during which one byte (8-bit) is programmed.
2.
The Chip Erasing time is the time during which all 64K byte block is erased.
3.
The Sector Erasing time is the time during which all 128 byte block is erased.
4.
Maximum number of Writing/Erasing is 10,000 times for full-flash(S3F828B) and 100 times for half-flash
(S3F8289/F8285).
5.
The Chip Erasing is available in Tool Program Mode only.
Table 20-6. A/D Converter Electrical Characteristics
(TA = –25 °C to + 85 °C, VDD = 2.7 V to 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Analog input voltage
VIAN
VSS
AVREF
V
Analog input
impedance
RAN
2
1000
M
Analog reference
voltage
AVREF
2.0
VDD
V
2. CHAPTHER 19. EMBEDDED FLASH MEMORY INTERFACE
This chapter is modified for only S3F828B.
3. CHAPTHER 12. 16-BIT TIMER 0/1
The Figure12-2 condition ‘Match signal’ should be moved in the page 12-3.


Similar Part No. - S3F8289

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3F8235 SAMSUNG-S3F8235 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3F8274 SAMSUNG-S3F8274 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3F8275 SAMSUNG-S3F8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3F8278 SAMSUNG-S3F8278 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
   S3 Family 8-Bit Microcontrollers
More results

Similar Description - S3F8289

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com