Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1652REUN Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1652REUN
Description  750 kHz Boost Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1652REUN Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1652REUN Datasheet HTML 2Page - Microchip Technology MCP1652REUN Datasheet HTML 3Page - Microchip Technology MCP1652REUN Datasheet HTML 4Page - Microchip Technology MCP1652REUN Datasheet HTML 5Page - Microchip Technology MCP1652REUN Datasheet HTML 6Page - Microchip Technology MCP1652REUN Datasheet HTML 7Page - Microchip Technology MCP1652REUN Datasheet HTML 8Page - Microchip Technology MCP1652REUN Datasheet HTML 9Page - Microchip Technology MCP1652REUN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP1650/51/52/53
DS21876A-page 6
 2004 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Shutdown Input
Logic High Input
VIN-HIGH
50
% of VIN
Logic Low Input
VIN-Low
15
% of VIN
Input Leakage Current
ISHDN
5
100
nA
SHDN=VIN
Low Battery Detect (MCP1651/MCP1653 Only)
Low Battery Threshold
LBITH
1.18
1.22
1.26
V
LBI Input falling (All Conditions)
Low Battery Threshold
Hysteresis
LBITHHYS
95
123
145
mV
Low Battery Input Leakage
Current
ILBI
—10
nA
VLBI = 2.5V
Low Battery Output Voltage
VLBO
53
200
mV
ILB SINK = 3.2 mA, VLBI = 0V
Low Battery Output Leakage
Current
ILBO
—0.01
1
µA
VLBI = 5.5V, VLBO = 5.5V
Time Delay from LBI to LBO
TD_LBO
—70
µs
LBI Transitions from
LBITH +0.1V toLBITH -0.1V
Power Good Output (MCP1652/MCP1653 Only)
Power Good Threshold Low
VPGTH-L
-20
-15
-10
%
Referenced to Feedback Voltage
Power Good Threshold High
VPGTH-H
+10
+15
+20
%
Referenced to Feedback Voltage
Power Good Threshold
Hysteresis
VPGTH-HYS
5
%
Referenced to Feedback Voltage
(Both Low and High Thresholds)
Power Good Output Voltage
VPGOUT
53
200
mV
IPG SINK = 3.2 mA, VFB = 0V
Time Delay from VFB out of
regulation to Power Good
Output transition
TD_PG
—85
µs
VFB Transitions from
VFBTH +0.1V to VFBTH -0.1V
Electrical Specifications: Unless otherwise noted, all parameters apply at VIN = +2.7V to +5.5V, SHDN = High,
TA = -40°C to +125°C. Typical values apply for VIN = 3.3V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Storage Temperature Range
TA
-40
+125
°C
Operating Junction Temperature
Range
TJ
-40
+125
°C
Continuous
Thermal Package Resistances
Thermal Resistance, MSOP-8
θJA
208
°C/W Single-Layer SEMI G42-88
Board, Natural Convection
Thermal Resistance, MSOP-10
θJA
113
°C/W 4-Layer JC51-7 Standard Board,
Natural Convection
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, all parameters apply at VIN = +2.7V to +5.5V, SHDN =High,
TJ = -40°C to +125°C. Typical values apply for VIN = 3.3V, TA +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions


Similar Part No. - MCP1652REUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1652R-E-MS MICROCHIP-MCP1652R-E-MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1652R-E/MS MICROCHIP-MCP1652R-E/MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1652RT-E/MS MICROCHIP-MCP1652RT-E/MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
More results

Similar Description - MCP1652REUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1651S-E-MS MICROCHIP-MCP1651S-E-MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1650 MICROCHIP-MCP1650_13 Datasheet
483Kb / 30P
   750 kHz Boost Controller
2004-2013
logo
MTRONPTI
SF1001 MTRONPTI-SF1001 Datasheet
340Kb / 2P
   140 MHz 750 kHz SAW Filter
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
   RF Pulse Transformer 750 kHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
   RF Pulse Transformer, 750 KHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com