Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3882DW-1 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC3882DW-1
Description  AVERAGE CURRENT MODE SYNCHRONOUS CONTROLLER WITH 5-BIT DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3882DW-1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3882DW-1 Datasheet HTML 4Page - Texas Instruments UCC3882DW-1 Datasheet HTML 5Page - Texas Instruments UCC3882DW-1 Datasheet HTML 6Page - Texas Instruments UCC3882DW-1 Datasheet HTML 7Page - Texas Instruments UCC3882DW-1 Datasheet HTML 8Page - Texas Instruments UCC3882DW-1 Datasheet HTML 9Page - Texas Instruments UCC3882DW-1 Datasheet HTML 10Page - Texas Instruments UCC3882DW-1 Datasheet HTML 11Page - Texas Instruments UCC3882DW-1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
UDG−97048−1
VCCP
5 VIN
C1
1500
µF
C2
1500
µF
C3
1500
µF
C20
1500
µF
Q1
IRL3103
C4
4.7
µF
Q2
IRL3103D1
L1
1.6
µH
R9
3.3
R10
3.3
R1
0.005
C5
1500
µF
C6
1500
µF
C7
1500
µF
C8
1500
µF
C9
1500
µF
C10
0.1
µF
R2
10 K
C14
0.01
µF
VREF
R8
10 K
C18
1500 pF
C19
220 pF
R7
5.6 K
C11
0.1
µF
RT
10 k
CT
3900 pF
F SWITCH = 225 kHz
R3
5.62 K
R5
365 k
C17
68 pF
R6
100 K
C13
0.01
µF
C12
0.01
µF
C15
0.1
µF
PWRGD
12 VIN
VID0
VID1
VID2
VID3
VID4
ISHARE
OUTEN
U1
GND
D0
D1
NC
D2
D3
D4
COMMAND
VCRV1
GATE1
EN
COMP
VFB
UCC3882
VSNS
PWRGD
NC
CAM
CAO
ISOUT
IS+
IS−
VIN
VDRV2
GATE2
PGND
RT
CT
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
ISC +
1.37 V
RSENSE
16
(1)
RSENSE +
1.37 V
ISC
16
(2)
UCC3882/-1
SLUS294A – MARCH 1999 – REVISED OCTOBER 2005
Figure 1. Application Circuit – Pentium® II Power Supply
The UCC3882 incorporates short circuit current
Choosing R
SENSE to Set the Current Limit
foldback, as shown in Figure 6. When the output of
the power supply is short circuited, the output voltage
RSENSE is chosen to limit the maximum (short circuit)
falls. When the output voltage reaches 1/2 of its
current of the power supply. The short circuit current
nominal voltage (COMMAND/ 2) then the output
equation for the UCC3882 is:
current is reduced. This feature reduces the amount
of current in the MOSFETs and capacitors, and
insures high reliability.
and therefore, the value of the sense resistor, for a
chosen short circuit current is:
The short circuit current limit does vary slightly as a
function of the switching regulator’s output inductor
value and operating frequency because a high value
of ripple current will reduce the average short circuit
current limit. Figure 5 shows the variation in Isc given
common values for the UCC3882. The UCC3882 is
nominally configured so that a 0.005 m
Ω resistor will
set the current limit to approximately 17A.
8


Similar Part No. - UCC3882DW-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3882 TI-UCC3882 Datasheet
579Kb / 14P
[Old version datasheet]   Average Current Mode Synchronous Controller With 5-Bit DAC
UCC3882-1 TI-UCC3882-1 Datasheet
579Kb / 14P
[Old version datasheet]   Average Current Mode Synchronous Controller With 5-Bit DAC
More results

Similar Description - UCC3882DW-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2882- TI-UCC2882- Datasheet
579Kb / 14P
[Old version datasheet]   Average Current Mode Synchronous Controller With 5-Bit DAC
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com