Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA7.0A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UMA7.0A
Description  ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UMA7.0A Datasheet(HTML) 1 Page - Microsemi Corporation

  UMA7.0A Datasheet HTML 1Page - Microsemi Corporation UMA7.0A Datasheet HTML 2Page - Microsemi Corporation UMA7.0A Datasheet HTML 3Page - Microsemi Corporation UMA7.0A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UMA5.0A thru UMA170CA
ULTRAMITE™ SURFACE MOUNT 500 Watt
Transient Voltage Suppressor 5.0 to 170 V
SCOTTSD A L E DIVISION
DESCRIPTION
PACKAGE
These 500 watt transient voltage suppressors offer capabilities only found in larger
packages. They are used for protecting against a variety of transients from inductive
switching environments or lower levels of induced secondary lightning effects of
IEC61000-4-5.
It offers the same size footprint as the popular DO-214AC or
BA package outlines except with a much lower profile height. Its robust
configuration in a “2010” style MELF package prevents damage to extended-
lead terminals and virtually eliminates inductive parasitics from fast rise-time
transients with very short internal/external conduction paths. They are also very
effective in protection from ESD or EFT per IEC61000-4-2 and IEC61000-4-4.
UltraMite™
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Available as a unidirectional or bidirectional device
(bidirectional with CA suffix)
• Fast response time
• Suppresses transients up to 500 W @ 10/1000 µs
(see Figure 1, 2, and 3).
• Robust 2010 MELF style flat package configuration
for accurate pick-and-place handling
• Fits same small narrow PCB pad layouts as “SMAJ”
packages in JEDEC DO-214AC (or BA)
• Very low height profile (approximately 1 mm)
• Available on Tape and Reel
• Built-in stress relief with similar COE as PC boards
• Optional Lead-Free design/finish (UMAF5.0A-170CA)
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
Protects sensitive components such as IC’s, CMOS,
Bipolar, BiCMOS, ECL, DTL, T
2L, etc.
Protection from switching transients & induced RF
Compliant to IEC61000-4-2 and IEC61000-4-4 for
ESD and EFT protection respectively
Secondary lightning protection per IEC61000-4-5
with 42 Ohms source impedance:
Class 1: UMA5.0 to UMA100A or CA
Class 2: UMA5.0 to UMA51A or CA
Class 3: UMA5.0 to UMA24A or CA
Class 4: UMA5.0 to UMA12A or CA
Secondary lightning protection per IEC61000-4-5
with 12 Ohms source impedance:
Class 1: UMA5.0 to UMA30A or CA
Class 2: UMA5.0 to UMA16A or CA
Virtually zero inductive parasitics with minimal Ldi/dt
voltage overshoots for fast-rise-time transients
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Peak Pulse Power dissipation at 25ºC: 500 watts at
10/1000 µs (also see Fig 1, 2, and 3)
• Impulse repetition rate (duty factor): 0.01%
• tclamping (0 volts to V(BR) min.): < 100 ps theoretical for
unidirectional and < 5 ns for bidirectional
• Operating and Storage temperature: -55ºC to +150ºC
• Thermal resistance: 50 ºC/W junction to lead, or
115
ºC/W junction to ambient when mounted on FR4
PC board (1oz Cu) with recommended 5 mm
2 pads
(see last page)
• Steady-State Power: 2.5 watts at TL = 25oC, or 1.08
watts at TA = 25
ºC when mounted on FR4 PC board
with recommended 5 mm
2 footprint pads
• Forward Surge Current at 25ºC: 40 amps peak, 8.3
ms half-sine wave. Maximum voltage of 3.50 V
(unidirectional only)
• Solder temperatures: 260 ºC for 10 s (maximum)
FRP substrate material and epoxy under-fill package
meeting UL94V-0
Terminals solder plated (solderable per MIL-STD-
750, Method 2026)
Body marked with part number without UMA prefix
(ie. 05, 15A, 33A, 58, 150CA, etc.)
Cathode designated with band (no band on
bidirectional)
Weight: 0.020 grams (approximate)
Tape & Reel packaging per EIA-481-2 with 12 mm
tape and 3000 units/reel (7 inch) or 10,000 units/reel
(13 inch)
See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
MSCUMA5.0.PDF 10-16-2003 REV B


Similar Part No. - UMA7.0A

ManufacturerPart #DatasheetDescription
logo
Rohm
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
58Kb / 1P
   Emitter common (dual digital transistors)
More results

Similar Description - UMA7.0A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com