Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA12A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # UMA12A
Description  ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UMA12A Datasheet(HTML) 4 Page - Microsemi Corporation

  UMA12A Datasheet HTML 1Page - Microsemi Corporation UMA12A Datasheet HTML 2Page - Microsemi Corporation UMA12A Datasheet HTML 3Page - Microsemi Corporation UMA12A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
 2002
MSCUMA5.0.PDF 10-16-2003 REV B
UMA5.0A thru UMA170CA
ULTRAMITE™ SURFACE MOUNT 500 Watt
Transient Voltage Suppressor 5.0 to 170 V
SCOTTSD A L E DIVISION
PACKAGE DIMENSIONS & PAD LAYOUT
PAD LAYOUT
INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
.173
.181
4.40
4.60
B
.083
.091
2.10
2.30
C
.033
.045
.85
1.15
D
.033
.045
.85
1.15
E
.002
.002
.05
.05
F
.020
.020
.50
.50
INCHES
mm
A
.245
6.22
B
.075
1.90
C
.103
2.62


Similar Part No. - UMA12A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
UMA1002H PHILIPS-UMA1002H Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
UMA1002T PHILIPS-UMA1002T Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
UMA1005 PHILIPS-UMA1005 Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
More results

Similar Description - UMA12A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com