Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ1101CS159VDC.45 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # WJ1101CS159VDC.45
Description  Load capacity of up to 15A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1101CS159VDC.45 Datasheet(HTML) 2 Page - CIT Relay & Switch

  WJ1101CS159VDC.45 Datasheet HTML 1Page - CIT Relay & Switch WJ1101CS159VDC.45 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
CIT RELAY
WJ110
ORDERING INFORMATION
1. Series:
WJ110
WJ110
2.Contact Arrangement:
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
1A
3. Sealing Options:
S = Sealed
S
5
4. Contact Rating:
5 = 5A
7 = 7A
12 = 12A
15 = 15A
5. Coil Voltage:
3VDC
6VDC
9VDC
12VDC
24VDC
48VDC
12VDC
6. Coil Power:
.36 = .36W
.45 = .45W
.36W
DIMENSIONS (Units = mm)
PBC Layout
Schematic


Similar Part No. - WJ1101CS159VDC.45

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ111 CIT-WJ111 Datasheet
155Kb / 2P
   CIT SWITCH
WJ1111A100VDC.20 CIT-WJ1111A100VDC.20 Datasheet
155Kb / 2P
   CIT SWITCH
WJ1111A100VDC.20Z CIT-WJ1111A100VDC.20Z Datasheet
155Kb / 2P
   CIT SWITCH
WJ1111A100VDC.25 CIT-WJ1111A100VDC.25 Datasheet
155Kb / 2P
   CIT SWITCH
WJ1111A100VDC.25Z CIT-WJ1111A100VDC.25Z Datasheet
155Kb / 2P
   CIT SWITCH
More results

Similar Description - WJ1101CS159VDC.45

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Toshiba Semiconductor
DT01ACA300 TOSHIBA-DT01ACA300 Datasheet
594Kb / 2P
   Up to 3 TB of Data Storage Capacity
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com