Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZT490ECN Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZT490ECN
Description  Low Power 5V 250kbps/10Mbps RS485 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZT490ECN Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZT490ECN Datasheet HTML 4Page - List of Unclassifed Manufacturers ZT490ECN Datasheet HTML 5Page - List of Unclassifed Manufacturers ZT490ECN Datasheet HTML 6Page - List of Unclassifed Manufacturers ZT490ECN Datasheet HTML 7Page - List of Unclassifed Manufacturers ZT490ECN Datasheet HTML 8Page - List of Unclassifed Manufacturers ZT490ECN Datasheet HTML 9Page - List of Unclassifed Manufacturers ZT490ECN Datasheet HTML 10Page - List of Unclassifed Manufacturers ZT490ECN Datasheet HTML 11Page - List of Unclassifed Manufacturers ZT490ECN Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
August 2004
rev.1.2
Zywyn
Specifications subject to change without notice
Zywyn Corporation
ZT4xxE
Function Truth Table
Note:
H = High Level; L = Low Level; Z = High Impedance; X = Irrelevant; U = Undetermine State.
ZT483E/ZT485E
ZT488E/ZT490E
ZT489E/ZT491E
AB
HH
H
L
L
L
LH
L
H
L
U
XL
Z
Z
L
H
Open
H
H
L
H
Z
X
Open
Z
Z
Open
Z
Input
DI
Enable
DE
Outputs
DRIVER
X
RECEIVER
-0.2V < VID < +0.2V
+0.2V
≤ V
ID
X
Differential Inputs
VID = VA - VB
Enable
RE
Output
RO
VID ≤ -0.2V
YZ
HL
L
LH
U
ZZ
H
HL
Z
ZZ
Z
X
DRIVER
Outputs
Output
RO
Input
DI
H
L
X
Open
RECEIVER
X
X
Differential Inputs
VID = VA - VB
VID ≤ -0.2V
-0.2V < VID < +0.2V
+0.2V
≤ V
ID
YZ
HH
H
L
L
L
LH
L
H
L
U
XL
Z
Z
L
H
Open
H
H
L
H
Z
X
Open
Z
Z
Open
Z
DRIVER
Input
DI
Enable
DE
Outputs
X
X
Enable
RE
VID ≤ -0.2V
-0.2V < VID < +0.2V
+0.2V
≤ V
ID
RECEIVER
Differential Inputs
VID = VA - VB
Output
RO


Similar Part No. - ZT490ECN

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ZT4 LSTD-ZT4 Datasheet
537Kb / 2P
   No sound or vibration
More results

Similar Description - ZT490ECN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
logo
ASIX Electronics Corpor...
ZT3241E ASIX-ZT3241E Datasheet
1Mb / 16P
   Low Power 3V to 5.5V 3D/5R 250Kbps RS232 Transceivers
Revision 2.00 Apr. 15th, 2015
logo
Linear Technology
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321 Datasheet
454Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com