Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZT490ECP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZT490ECP
Description  Low Power 5V 250kbps/10Mbps RS485 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZT490ECP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZT490ECP Datasheet HTML 2Page - List of Unclassifed Manufacturers ZT490ECP Datasheet HTML 3Page - List of Unclassifed Manufacturers ZT490ECP Datasheet HTML 4Page - List of Unclassifed Manufacturers ZT490ECP Datasheet HTML 5Page - List of Unclassifed Manufacturers ZT490ECP Datasheet HTML 6Page - List of Unclassifed Manufacturers ZT490ECP Datasheet HTML 7Page - List of Unclassifed Manufacturers ZT490ECP Datasheet HTML 8Page - List of Unclassifed Manufacturers ZT490ECP Datasheet HTML 9Page - List of Unclassifed Manufacturers ZT490ECP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
August 2004
rev.1.2
Zywyn
Specifications subject to change without notice
Zywyn Corporation
ZT4xxE
Pin Description
Pin Numbers
Name
Description
ZT483E/ZT485E
ZT488E/ZT490E
ZT489E/ZT491E
1
2
2
RO
Receiver Output. If A>B by
200mV, then RO = HIGH; If
A<B by 200mV, then RO =
LOW
2
n/a
3
RE
Receiver Output Enable. Low
active input. RO is high-Z when
RE = HIGH
3
n/a
4
DE
Driver Output Enable. The
transmitter outputs, Y and Z, are
enabled when DE = HIGH.
The outputs are high-Z when
DE = LOW.
4
3
5
DI
Driver Input. A low on DI forces
output Y low and output Z high.
A high on DI will bring output Y
high and output Z low.
5
4
6, 7
GND
Analog Ground
n/a
5
9
Y
Non-inverting transmitter output
n/a
6
10
Z
Inverting transmitter output
6
n/a
n/a
A
Non-inverting transmitter output
and non-inverting receiver
input.
n/a
8
12
A
Non-inverting receiver
input.
7
n/a
n/a
B
Inverting transmitter output
and inverting receiver
input.
n/a
7
11
B
Inverting receiver input
81
14
V
CC
Power Supply Input, +5V ±5%
n/a
n/a
1, 8, 13
NC
No Connect, Not internally
connected


Similar Part No. - ZT490ECP

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ZT4 LSTD-ZT4 Datasheet
537Kb / 2P
   No sound or vibration
More results

Similar Description - ZT490ECP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
logo
ASIX Electronics Corpor...
ZT3241E ASIX-ZT3241E Datasheet
1Mb / 16P
   Low Power 3V to 5.5V 3D/5R 250Kbps RS232 Transceivers
Revision 2.00 Apr. 15th, 2015
logo
Linear Technology
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321 Datasheet
454Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com