Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZT491ECP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZT491ECP
Description  Low Power 5V 250kbps/10Mbps RS485 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZT491ECP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZT491ECP Datasheet HTML 1Page - List of Unclassifed Manufacturers ZT491ECP Datasheet HTML 2Page - List of Unclassifed Manufacturers ZT491ECP Datasheet HTML 3Page - List of Unclassifed Manufacturers ZT491ECP Datasheet HTML 4Page - List of Unclassifed Manufacturers ZT491ECP Datasheet HTML 5Page - List of Unclassifed Manufacturers ZT491ECP Datasheet HTML 6Page - List of Unclassifed Manufacturers ZT491ECP Datasheet HTML 7Page - List of Unclassifed Manufacturers ZT491ECP Datasheet HTML 8Page - List of Unclassifed Manufacturers ZT491ECP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
August 2004
rev.1.2
Zywyn
Specifications subject to change without notice
Zywyn Corporation
ZT4xxE
DC Electrical Characteristics
Unless otherwise stated, V
CC = +5.0V, TA = Tmin to Tmax, typical values apply at VCC = +5.0V and TA = 25°C.
Parameter
Condition
Min
Typ
Max
Units
TTL Logic Input
DE, DI, RE
TTL Logic Output
RO
High Z
O/P when disabled
RS485 Input
A, B
RS485 Output
Y, Z
High Z
O/P when disabled
Power Pin
V
CC, VGND
Temp 0°C to +70°C
Commercial Grade
0
+25
+70
°C
Temp –40°C to +85°C
Industrial Grade
–40
+25
+85
°C
V
CC Voltage Range
V
CC = +5.0V Supply
4.75
5.0
5.25
V
Supply Current
I
CC, Tx and Rx active
DI=V
CC/GND, DE=VCC, RE=GND, RS485 I/P=Open
400
900
µA
I
CC, Tx active
DI=V
CC/GND, DE=VCC, RE=VCC, RS485 I/P=Open
400
900
µA
I
CC, Rx active
DI=V
CC/GND, DE=GND, RE=GND, RS485 I/P=Open
400
900
µA
I
SD, Shutdown Current
DI=V
CC/GND, DE = GND, RE = VCC, RS485 I/P=Open
1.0
10
µA
TTL LOGIC Input
Input Threshold Low
V
CC = +5.0V Supply, DE, DI, and RE
0.8
V
Input Threshold High
V
CC = +5.0V Supply, DE, DI, and RE
2.0
V
TTL LOGIC Output
Output Voltage Low
I
OUT = +4mA, Input Differential Voltage = 200mV
0.4
V
Output Voltage High
I
OUT = –4mA, Input Differential Voltage = 200mV
3.5
V
Output Leakage Current
Receiver Outputs Disabled, V
OUT = 0.4V to 2.4V
±1
µA
Short Circuit Current
V
OUT = 0V to VCC
795
mA
Receiver Input
Input Current
DE = 0V, V
CC = 0V to 5.25V, VIN = +12V
1.0
mA
DE = 0V, V
CC = 0V to 5.25V, VIN = –7V
–0.8
mA
DIfferentialThresholdVoltage,V
TH VCM = 0V, VCC=+5.0V, TA=25
oC
–0.2
+0.2
V
Input Hysteresis
V
CM = 0V
20
mV
Input Resistance, R
IN
V
CM = -7V to +12V
12
k
Transmitter Output
DIfferentialOutputVoltage,V
OD
No Load
5V
DIfferentialOutputVoltage,dV
OD
With R
L = 50Ω, CL = 50pF, Refers to figure 1. (RS422)
2
V
With R
L = 27Ω, CL = 50pF, Refers to figure 1. (RS485)
1.5
5
V
DriverCommonModeOutput
With R
L = 27Ω or 50Ω. CL = 50pF. Refers to figure 3.
3
V
ChangeinVoltageMagnitude
Differential Output Voltage, with R
L = 27Ω or 50Ω, CL = 50pF.
0.2
V
forComplimentaryStates,dV
OC
Refers to figure 1.
ChangeinVoltageMagnitude
Common-Mode Output Voltage, with R
L = 60Ω,375Ω,375Ω.
0.2
V
forComplimentaryStates,V
OC
Refers to figure 2.
TransmitterShort-CircuitCurrent
Output HIGH, V
OUT= -7V to +12V. Refers to figure 7.
250
mA
Output LOW, V
OUT= -7V to +12V. Refers to figure 7.
250
mA


Similar Part No. - ZT491ECP

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ZT4 LSTD-ZT4 Datasheet
537Kb / 2P
   No sound or vibration
More results

Similar Description - ZT491ECP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
logo
ASIX Electronics Corpor...
ZT3241E ASIX-ZT3241E Datasheet
1Mb / 16P
   Low Power 3V to 5.5V 3D/5R 250Kbps RS232 Transceivers
Revision 2.00 Apr. 15th, 2015
logo
Linear Technology
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321 Datasheet
454Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com