Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C3T100C7 Datasheet(PDF) 11 Page - Altera Corporation

Part # EP1C3T100C7
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3T100C7 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP1C3T100C7 Datasheet HTML 7Page - Altera Corporation EP1C3T100C7 Datasheet HTML 8Page - Altera Corporation EP1C3T100C7 Datasheet HTML 9Page - Altera Corporation EP1C3T100C7 Datasheet HTML 10Page - Altera Corporation EP1C3T100C7 Datasheet HTML 11Page - Altera Corporation EP1C3T100C7 Datasheet HTML 12Page - Altera Corporation EP1C3T100C7 Datasheet HTML 13Page - Altera Corporation EP1C3T100C7 Datasheet HTML 14Page - Altera Corporation EP1C3T100C7 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Altera Corporation
11
Preliminary Information
Cyclone FPGA Family Data Sheet
addnsub Signal
The LE’s dynamic adder/subtractor feature saves logic resources by using
one set of LEs to implement both an adder and a subtractor. This feature
is controlled by the LAB-wide control signal addnsub. The addnsub
signal sets the LAB to perform either A + B or A
− B. The LUT computes
addition; subtraction is computed by adding the two’s complement of the
intended subtractor. The LAB-wide signal converts to two’s complement
by inverting the B bits within the LAB and setting carry-in = 1 to add one
to the least significant bit (LSB). The LSB of an adder/subtractor must be
placed in the first LE of the LAB, where the LAB-wide addnsub signal
automatically sets the carry-in to 1. The Quartus II Compiler
automatically places and uses the adder/subtractor feature when using
adder/subtractor parameterized functions.
LE Operating Modes
The Cyclone LE can operate in one of the following modes:
Normal mode
Dynamic arithmetic mode
Each mode uses LE resources differently. In each mode, eight available
inputs to the LE
the four data inputs from the LAB local interconnect,
carry-in0
and carry-in1 from the previous LE, the LAB carry-in
from the previous carry-chain LAB, and the register chain
connection
are directed to different destinations to implement the
desired logic function. LAB-wide signals provide clock, asynchronous
clear, asynchronous preset/load, synchronous clear, synchronous load,
and clock enable control for the register. These LAB-wide signals are
available in all LE modes. The addnsub control signal is allowed in
arithmetic mode.
The Quartus II software, in conjunction with parameterized functions
such as library of parameterized modules (LPM) functions, automatically
chooses the appropriate mode for common functions such as counters,
adders, subtractors, and arithmetic functions. If required, the designer can
also create special-purpose functions that specify which LE operating
mode to use for optimal performance.


Similar Part No. - EP1C3T100C7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3T100C7ES ALTERA-EP1C3T100C7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C3T100C7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com