Electronic Components Datasheet Search |
|
FX-104-CFC-D476 Datasheet(PDF) 3 Page - Vectron International, Inc |
|
FX-104-CFC-D476 Datasheet(HTML) 3 Page - Vectron International, Inc |
3 / 12 page Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com FX-104 Frequency Translator Pin Symbol Function 1 CLKIN Input Frequency - The FX-104 series AC couples the input, this means the unit is capable of handling HCMOS, LvHCMOS, PECL and LvPECL input signals. (For Input Frequencies below 1 MHz only HCMOS and LvHCMOS are supported) 2 GND Ground 3 LD Lock Detect (output) Logic “1” indicates a locked condition Logic “0” indicates that no input signal is present or the input signal has moved out of the lock range. 4 Monitor PLL/ VCXO control voltage (Output) Under locked conditions, should be >0.3V and <3.0V for the 3.3 volt option or >0.5V and <4.5V for the 5 volt option. Input frequency may be out of range if voltage exceeds these limits. 5 --- Missing 6 NC No Connection 7 GND Ground 8 Enable No connect = Output enabled Disable Logic “0” = Output disabled 9 Out Output 10 COUT Complementary Output 11 NC No Connection 12 Select A Do not Exceed Vcc 13 Select B Do not Exceed Vcc 14 NC No Connection 15 GND Ground 16 Vcc Power Supply Voltage (5 Vdc or 3.3Vdc) Pin Out Outline Drawing |
Similar Part No. - FX-104-CFC-D476 |
|
Similar Description - FX-104-CFC-D476 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |