Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A220J15C0GH5UAA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A220J15C0GH5UAA
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A220J15C0GH5UAA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A220J15C0GH5UAA Datasheet HTML 1Page - List of Unclassifed Manufacturers A220J15C0GH5UAA Datasheet HTML 2Page - List of Unclassifed Manufacturers A220J15C0GH5UAA Datasheet HTML 3Page - List of Unclassifed Manufacturers A220J15C0GH5UAA Datasheet HTML 4Page - List of Unclassifed Manufacturers A220J15C0GH5UAA Datasheet HTML 5Page - List of Unclassifed Manufacturers A220J15C0GH5UAA Datasheet HTML 6Page - List of Unclassifed Manufacturers A220J15C0GH5UAA Datasheet HTML 7Page - List of Unclassifed Manufacturers A220J15C0GH5UAA Datasheet HTML 8Page - List of Unclassifed Manufacturers A220J15C0GH5UAA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2002 Sep 10
5
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
Z5U Dielectric
CAP.
SIZE CODE
15
SIZE CODE
20
50 V
100 V
50 V
100 V
1000 pF
1500
2200
3300
4700
6800
0.01
µF
0.015
0.022
0.033
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0
Y5V Dielectric
CAP.
SIZE CODE
15
SIZE CODE
20
25 V
50 V
25 V
50 V
0.01
µF
0.015
0.022
0.033
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0


Similar Part No. - A220J15C0GH5UAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A220 PHILIPS-A220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
logo
Hitachi Semiconductor
A220 HITACHI-A220 Datasheet
43Kb / 11P
   GaAs MMIC Down Converter for Micro Wave Application
logo
AUK corp
A220 AUK-A220 Datasheet
193Kb / 3P
   PNP Silicon Transistor
logo
List of Unclassifed Man...
A220-200B50MP-0215 ETC-A220-200B50MP-0215 Datasheet
781Kb / 4P
   200 MM PROCESS WAFER CARRIERS
A220-200B50P-0215 ETC-A220-200B50P-0215 Datasheet
781Kb / 4P
   200 MM PROCESS WAFER CARRIERS
More results

Similar Description - A220J15C0GH5UAA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com