Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28F410 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M28F410
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F410 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M28F410 Datasheet HTML 7Page - STMicroelectronics M28F410 Datasheet HTML 8Page - STMicroelectronics M28F410 Datasheet HTML 9Page - STMicroelectronics M28F410 Datasheet HTML 10Page - STMicroelectronics M28F410 Datasheet HTML 11Page - STMicroelectronics M28F410 Datasheet HTML 12Page - STMicroelectronics M28F410 Datasheet HTML 13Page - STMicroelectronics M28F410 Datasheet HTML 14Page - STMicroelectronics M28F410 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Symbol
Alt
Parameter
M28F410 / 20
Unit
-80
-90
-100
-120
VCC =5V
± 5% VCC =5V ± 10% VCC =5V ± 10% VCC =5V ± 10%
SRAM
Interface
EPROM
Interface
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
Min
Max
Min
Max
tAVAV
tRC
Address Valid to
Next Address Valid
80
90
100
120
ns
tAVQV
tACC
Address Valid to
Output Valid
80
90
100
120
ns
tPHQV
tPWH
Power Down High
to Output Valid
300
300
300
300
ns
tELQX
(2)
tLZ
Chip Enable Low to
Output Transition
000
0
ns
tELQV
(3)
tCE
Chip Enable Low to
Output Valid
80
90
100
120
ns
tGLQX
(2 )
tOLZ
Output Enable Low
to Output Transition
000
0
ns
tGLQV
(3 )
tOE
Output Enable Low
to Output Valid
40
45
50
55
ns
tEHQX
(2)
tOH
Chip Enable High
to Output Transition
000
0
ns
tEHQZ
(2 )
tHZ
Chip Enable High
to Output Hi-Z
30
35
40
45
ns
tGHQX
(2)
tOH
Output Enable High
to Output Transition
000
0
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
30
35
40
45
ns
tAXQX
(2 )
tOH
Address Transition
to Output Transition
000
0
ns
Notes: 1. See Figure 3 and Table 8 for timing measurements.
2. Sampled only, not 100% tested.
3. G may be delayed by up to tELQV -tGLQV after the falling edge of E without increasing tELQV.
Table 14. Read AC Characteristics (1)
(TA = –40 to 125
°C; VPP = 12V ± 5%)
11/38
M28F410, M28F420


Similar Part No. - M28F410

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
M28F YFWDIODE-M28F Datasheet
427Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
   8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
logo
Intel Corporation
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
STMicroelectronics
M28F101 STMICROELECTRONICS-M28F101 Datasheet
197Kb / 23P
   1 Mb 128K x 8, Chip Erase FLASH MEMORY
More results

Similar Description - M28F410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com