Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICC-8SSXX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICC-8SSXX
Description  8-circuit smart card connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICC-8SSXX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICC-8SSXX Datasheet HTML 1Page - List of Unclassifed Manufacturers ICC-8SSXX Datasheet HTML 2Page - List of Unclassifed Manufacturers ICC-8SSXX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
392
ICC CONNECTOR
8-circuit smart card connectors
2.54mm
(.100") pitch
Smart
Card
Emboss Tape
The ICC connector is designed to be
accommodated within IC card
reading/writing devices. The market for IC
cards is rapidly expanding and replacing
magnetic cards. The ICC connector is
compatible with IC cards which conform to
ISO7816.
Specifications ––––––––––––––––––
• Current rating:
0.5A AC, DC
• Voltage rating:
125V AC, DC
• Temperature range:
-55˚Cto +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/30m
Ω max.(40m Ω max. for
low insertion force type)
After environmental testing/50m
Ω max.
(60m
Ω max. for low insertion force type)
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
750V AC/minute
* Contact JST for details.
Features –––––––––––––––––––––––
• Compact
The ICC connector has been specifically compactly designed
to meet the restrictions involved with high-density mounting.
• High durability
The combination of the high technology used in the
development of the material, and the contact design itself,
guarantees the ICC connector for 100,000 mating cycles.
(Model no. ICC-8SS80-316-TN)
• Embossed tape for automatic mounting
This connector can be supplied in embossed tape packaging,
for mounting by automatic placement machines.


Similar Part No. - ICC-8SSXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
logo
List of Unclassifed Man...
ICC3SCD1100 ETC2-ICC3SCD1100 Datasheet
205Kb / 4P
   Pushbutton switches for harsh environments - short case - bushing 횠 12 mm - momentary
logo
Infineon Technologies A...
ICC80QSG INFINEON-ICC80QSG Datasheet
1Mb / 32P
   The ICC80QSG flyback controller is tailored for battery charger application to meet the required performance.
Rev. 1.0 2022-05-04
More results

Similar Description - ICC-8SSXX

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
Tyco Electronics
5953131-1 MACOM-5953131-1 Datasheet
246Kb / 2P
   SMART CARD READER WITH RIBBON CABLE 8 POSITIONS
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
logo
List of Unclassifed Man...
TL-SG2008 ETC2-TL-SG2008 Datasheet
1Mb / 4P
   8-Port Gigabit Smart Switch
logo
ITT Industries
CCM04-MKII ITT-CCM04-MKII Datasheet
62Kb / 1P
   Smart Card
CCM-J ITT-CCM-J Datasheet
63Kb / 1P
   Smart Card
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com