Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3AS02 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE3AS02
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE3AS02 Datasheet HTML 1Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 2Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 3Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 4Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 5Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 6Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 7Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Type
Ordering Code
F
OSC
Package
ICE3AS02
Q67040-S4661-A101
100kHz
PG-DIP-8-6
ICE3BS02
Q67040-S4637-A101
67kHz
PG-DIP-8-6
ICE3AS02G
100kHz
P-DSO-8-8
ICE3BS02G
67kHz
P-DSO-8-8
Version 1.1
3
21 May 2004
F3
ICE3AS02 / ICE3BS02
ICE3AS02G / ICE3BS02G
Off-Line SMPS Current Mode Controller
with integrated 500V Startup Cell
PDSO83 6
test
PG-DIP-8-6
P-DSO-8-8
Product Highlights
• Leadfree DIP package
• Active Burst Mode to reach the lowest Standby Power
Requirements < 100mW
• Protection features (Auto Restart Mode) to increase
robustness and safety of the system
• Adjustable Blanking Window for high load jumps to
increase system reliability
Features
Active Burst Mode for lowest Standby Power
@ light load controlled by Feedback Signal
Fast load jump response in Active Burst Mode
500V Startup Cell switched off after Start Up
100/67kHz internally fixed switching frequency
Auto Restart Mode for Overtemperature Detection
Auto Restart Mode for VCC Overvoltage Detection
Auto Restart Mode for Overload and Open Loop
Auto Restart Mode for VCC Undervoltage
Blanking Window for short duration high current
User defined Soft Start
Minimum of external components required
Max Duty Cycle 72%
Overall tolerance of Current Limiting
< ±5%
Internal PWM Leading Edge Blanking
Soft switching for low EMI
Description
The F3 Controller provides Active Burst Mode to reach the
lowest Standby Power Requirements <100mW at no load.
As the controller is always active during Active Burst
Mode, there is an immediate response on load jumps
without any black out in the SMPS. In Active Burst Mode
the ripple of the output voltage can be reduced <1%.
Furthermore, to increase the robustness and safety of the
system, the device enters into Auto Restart Mode in the
cases of Overtemperature, VCC Overvoltage, Output
Open Loop or Overload and VCC Undervoltage. By
means of the internal precise peak current limitation, the
dimension of the transformer and the secondary diode can
be lowered which leads to more cost efficiency. An
adjustable blanking window prevents the IC from entering
Auto Restart Mode or Active Burst Mode unintentionally in
case of high load jumps.
C
SoftS
C
VCC
C
Bulk
Converter
DC Output
+
ICE3AS02/G ICE3BS02/G
Snubber
Power
Management
PWM Controller
Current Mode
85 ... 270 VAC
Typical Application
R
Sense
Gate
CS
Startup Cell
HV
Precise Low
Tolerance Peak
Current Limitation
SoftS
FB
GND
VCC
Control Unit
-
Active Burst Mode
Auto Restart Mode


Similar Part No. - ICE3AS02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AS02 INFINEON-ICE3AS02 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3AS02G INFINEON-ICE3AS02G Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results

Similar Description - ICE3AS02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS03LJG INFINEON-ICE3BS03LJG Datasheet
496Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.0, 6 Dec 2007
ICE3DS01L INFINEON-ICE3DS01L Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
ICE3DS01L INFINEON-ICE3DS01L_05 Datasheet
712Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.1, 15 Nov 2005
ICE3BS02L INFINEON-ICE3BS02L Datasheet
506Kb / 21P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Version 1.1, 28 Sep 2005
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com