Electronic Components Datasheet Search |
|
ICE3BS02G Datasheet(PDF) 5 Page - Infineon Technologies AG |
|
ICE3BS02G Datasheet(HTML) 5 Page - Infineon Technologies AG |
5 / 23 page Version 1.1 5 21 May 2004 F3 ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G Pin Configuration and Functionality 1 Pin Configuration and Functionality 1.1 Pin Configuration with PG-DIP-8-6 Figure 1 Pin Configuration PG-DIP-8-6(top view) Note: Pin 4 and 5 are shorted within the DIP package. 1.2 Pin Configuration with P-DSO-8-8 Figure 2 Pin Configuration P-DSO-8-8(top view) Pin Symbol Function 1 SoftS Soft-Start 2 FB Feedback 3 CS Current Sense 4 HV High Voltage Input 5 HV High Voltage Input 6 Gate Driver Stage Output 7 VCC Controller Supply Voltage 8 GND Controller Ground Package PG-DIP-8-6 1 6 7 8 4 3 2 5 GND SoftS FB CS VCC Gate HV HV Pin Symbol Function 1 SoftS Soft-Start 2 FB Feedback 3 CS Current Sense 4 Gate Driver Stage Output 5 HV High Voltage Input 6 N.C. Not connected 7 VCC Controller Supply Voltage 8 GND Controller Ground Package P-DSO-8-8 1 6 7 8 4 3 2 5 GND SoftS FB CS VCC N.C. Gate HV |
Similar Part No. - ICE3BS02G |
|
Similar Description - ICE3BS02G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |