Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP71NQ03LT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PHP71NQ03LT
Description  TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP71NQ03LT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PHP71NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHP71NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHP71NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHP71NQ03LT Datasheet HTML 9Page - NXP Semiconductors PHP71NQ03LT Datasheet HTML 10Page - NXP Semiconductors PHP71NQ03LT Datasheet HTML 11Page - NXP Semiconductors PHP71NQ03LT Datasheet HTML 12Page - NXP Semiconductors PHP71NQ03LT Datasheet HTML 13Page - NXP Semiconductors PHP71NQ03LT Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD71NQ03LT
TrenchMOS™ logic level FET
Product data
Rev. 01 — 25 June 2002
11 of 14
9397 750 09821
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Fig 16. SOT428 (D-PAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
TO-252
SC-63
99-09-13
01-12-11
0
10
20 mm
scale
Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads
(one lead cropped)
SOT428
E
b2
E1
wA
M
bc
b1
L1
L
13
2
D
D1
HE
L2
Note
1. Measured from heatsink back to lead.
e1
e
A
A2
A
A1
y
seating plane
mounting
base
A1
(1)
D
b
E1
EHE
w
y
max.
A2
b2
b1
c
D1
min.
ee1
L1
min.
L2
L
A
UNIT
DIMENSIONS (mm are the original dimensions)
0.2
0.2
mm
2.38
2.22
0.65
0.45
0.93
0.73
0.89
0.71
1.1
0.9
5.46
5.26
0.4
0.2
6.22
5.98
4.81
4.45
2.285
4.57
10.4
9.6
0.5
0.9
0.5
6.73
6.47
4.0
2.95
2.55


Similar Part No. - PHP71NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP73N06T PHILIPS-PHP73N06T Datasheet
264Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 01-12 March 2001
PHP75NQ08T NXP-PHP75NQ08T Datasheet
185Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-2 March 2009
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
93Kb / 12P
   N-channel TrenchMOSTM logic level FET
Rev. 05-9 June 2005
PHP78NQ03LT NXP-PHP78NQ03LT Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 06-30 January 2009
More results

Similar Description - PHP71NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com