Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A0292A01 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S1A0292A01
Description  PB/REC EQ ST PRE AMP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0292A01 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S1A0292A01 Datasheet HTML 3Page - Samsung semiconductor S1A0292A01 Datasheet HTML 4Page - Samsung semiconductor S1A0292A01 Datasheet HTML 5Page - Samsung semiconductor S1A0292A01 Datasheet HTML 6Page - Samsung semiconductor S1A0292A01 Datasheet HTML 7Page - Samsung semiconductor S1A0292A01 Datasheet HTML 8Page - Samsung semiconductor S1A0292A01 Datasheet HTML 9Page - Samsung semiconductor S1A0292A01 Datasheet HTML 10Page - Samsung semiconductor S1A0292A01 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PB/REC EQ ST PRE AMP
S1A0292A01
7
APPLICATION INFORMATION
1. FUNCTION SWITCH
— A/B SWITCH : A-DECK MODE = HIGH (5 V)
B-DECK MODE = OPEN (HIGH IMPEDANCE)
*** On record mode, A-DECK is work only
NOTE: The voltage of pin 27 is forced by a switch controller. If the voltage varies very fast from low to high, or high to low, then
tape output makes a large pop noise.
To avoid this, we recommend slow switching.
— R/P SWITCH : REC MODE = HIGH (5 V)
PLAY MODE = OPEN (HIGH INPEDANCE) OR GND
— Cro2B SWITCH : (B-DECK ONLY)
Cro2B PLAY = GND (0 V)
Cro2B OFF = OPEN (HIGH INPEDANCE ) OR VCC
— Cro2A SWITCH : (A-DECK ONLY)
Cro2A PLAY = GND (0 V)
Cro2A OFF = OPEN (HIGH INPEDANCE ) OR VCC
— DUBBING SWITCH : NORMAL SPEED TAPE EQUALIZING = OPEN (HIGH IMPEDANCE) OR VCC
HIGH SPEED TAPE EQUALIZING = GND (0 V)
— MUTE SWITCH : MUTE ON = HIGH (5 V)
MUTE OFF = OPEN (HIGH IMPEDANCE) OR GND
A-on
B-on
A/B
function
B-off
A-off
2.5V
1.5V
Voltage of pin 27


Similar Part No. - S1A0292A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
S1A0291X01-A0B0 SAMSUNG-S1A0291X01-A0B0 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
More results

Similar Description - S1A0292A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Toshiba Semiconductor
TA8155FG TOSHIBA-TA8155FG Datasheet
1Mb / 17P
   REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
logo
Sony Corporation
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
logo
Toshiba Semiconductor
TA8142AP TOSHIBA-TA8142AP Datasheet
329Kb / 8P
   REC/PLAY PRE AMP SYSTEM FOR DOUBLE CASSETTE
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Samsung semiconductor
KA22241C SAMSUNG-KA22241C Datasheet
142Kb / 6P
   DUAL EQ AMP WITH ALC
KA22211 SAMSUNG-KA22211 Datasheet
135Kb / 6P
   DUAL LOW NOISE EQ AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com