Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24239 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY24239
Description  Spread Spectrum Frequency Timing Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24239 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY24239 Datasheet HTML 1Page - Cypress Semiconductor CY24239 Datasheet HTML 2Page - Cypress Semiconductor CY24239 Datasheet HTML 3Page - Cypress Semiconductor CY24239 Datasheet HTML 4Page - Cypress Semiconductor CY24239 Datasheet HTML 5Page - Cypress Semiconductor CY24239 Datasheet HTML 6Page - Cypress Semiconductor CY24239 Datasheet HTML 7Page - Cypress Semiconductor CY24239 Datasheet HTML 8Page - Cypress Semiconductor CY24239 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY24239
Document #: 38-07038 Rev. **
Page 5 of 15
Serial Data Interface
The CY24239 features a two-pin, serial data interface that can
be used to configure internal register settings that control par-
ticular device functions. Upon power-up, the CY24239 initial-
izes with default register settings, therefore the use of this se-
rial data interface is optional. The serial interface is write-only
(to the clock chip) and is the dedicated function of device pins
SDATA and SCLOCK. In motherboard applications, SDATA
and SCLOCK are typically driven by two logic outputs of the
chipset. Clock device register changes are normally made
upon system initialization, if any are required. The interface
can also be used during system operation for power manage-
ment functions. Table 3 summarizes the control functions of
the serial data interface.
Operation
Data is written to the CY24239 in eleven bytes of eight bits
each. Bytes are written in the order shown in Table 4.
Table 3. Serial Data Interface Control Functions Summary
Control Function
Description
Common Application
Output Disable
Any individual clock output(s) can be disabled. Dis-
abled outputs are actively held low.
Unused outputs are disabled to reduce EMI
and system power. Examples are clock out-
puts to unused PCI slots.
CPU Clock Frequency
Selection
Provides CPU/PCI frequency selections alternate
to the selections that are provided by the FS0:3
pins. Frequency is changed in a smooth and con-
trolled fashion.
For alternate microprocessors and power
management options. Smooth frequency tran-
sition allows CPU frequency change under
normal system operation.
Spread Spectrum
Enabling
Enables or disables spread spectrum clocking.
For EMI reduction.
Output Three-state
Puts all clock outputs into a high-impedance state.
Production PCB testing.
Test Mode
All clock outputs toggle in relation to X1 input, inter-
nal PLL is bypassed. Refer to Table 5.
Production PCB testing.
(Reserved)
Reserved function for future device revision or pro-
duction device testing.
No user application. Register bit must be writ-
ten as 0.
Table 4. Byte Writing Sequence
Byte Sequence
Byte Name
Bit Sequence
Byte Description
1
Slave Address
11010010
Commands the CY24239 to accept the bits in Data Bytes 0–7 for internal
register configuration. Since other devices may exist on the same com-
mon serial data bus, it is necessary to have a specific slave address for
each potential receiver. The slave receiver address for the CY24239 is
11010010. Register setting will not be made if the Slave Address is not
correct (or is for an alternate slave receiver).
2
Command
Code
Don’t Care
Unused by the CY24239, therefore bit values are ignored (“Don’t Care”).
This byte must be included in the data write sequence to maintain proper
byte allocation. The Command Code Byte is part of the standard serial
communication protocol and may be used when writing to another ad-
dressed slave receiver on the serial data bus.
3
Byte Count
Don’t Care
Unused by the CY24239, therefore bit values are ignored (“Don’t Care”).
This byte must be included in the data write sequence to maintain proper
byte allocation. The Byte Count Byte is part of the standard serial com-
munication protocol and may be used when writing to another ad-
dressed slave receiver on the serial data bus.
4
Data Byte 0
Refer to Table 5
The data bits in Data Bytes 0–7 set internal CY24239 registers that
control device operation. The data bits are only accepted when the Ad-
dress Byte bit sequence is 11010010, as noted above. For description
of bit control functions, refer to Table 5, Data Byte Serial Configuration
Map.
5Data Byte 1
6Data Byte 2
7Data Byte 3
8Data Byte 4
9Data Byte 5
10
Data Byte 6
Don’t Care
Unused by the CY24239, therefore bit values are ignored (“don’t care”).
11
Data Byte 7


Similar Part No. - CY24239

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-3 CYPRESS-CY24204ZC-3 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-3T CYPRESS-CY24204ZC-3T Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-4 CYPRESS-CY24204ZC-4 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-4T CYPRESS-CY24204ZC-4T Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
More results

Similar Description - CY24239

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W155 CYPRESS-W155 Datasheet
86Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
   Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com