Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29330DBTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29330DBTR
Description  2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29330DBTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ29330DBTR Datasheet HTML 4Page - Texas Instruments BQ29330DBTR Datasheet HTML 5Page - Texas Instruments BQ29330DBTR Datasheet HTML 6Page - Texas Instruments BQ29330DBTR Datasheet HTML 7Page - Texas Instruments BQ29330DBTR Datasheet HTML 8Page - Texas Instruments BQ29330DBTR Datasheet HTML 9Page - Texas Instruments BQ29330DBTR Datasheet HTML 10Page - Texas Instruments BQ29330DBTR Datasheet HTML 11Page - Texas Instruments BQ29330DBTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
bq29330
SLUS673A – SEPTEMBER 2005 – REVISED DECEMBER 2005
CELL VOLTAGE MONITOR, TA = 25°C, CREG = 1 µF, CL = 2.2 µF, VCC or BAT = 14 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCn– VCn+1 = 0 V, 8 V ≤ VDD ≤ 25 V
0.950
0.975
1
V(CELLOUT)
V
VCn– VCn+1 = 4.5 V, 8 V ≤ VDD ≤ 25 V
0.275
0.3
0.325
REF
Mode (1), 8 V
≤ VDD ≤ 25 V
–1%
0.975
1%
V
CELL output
Mode
PACK
–2%
PACK/18
2%
V
[Register Address = 0x03, b1(PACK) = 1, b0( VMEN) = 1]
Mode
BAT
–2%
BAT/18
2%
V
[Register Address = 0X03, b6(BAT) = 1, b0 ( VMEN) = 1]
CMRR
Common mode rejection
CELL max to CELL min
40
dB
V(CELLSLEW)
CELL output rise
Min to Max 10% to 90%
9
ms
K = {CELL output (VC5 = 0 V, VC4 = 4.5 V)
0.147
0.150
0.153
– CELL output (VC5 = VC4 = 0 V)} / 4.5
K
CELL scale factor
K = {CELL output (VC2 = 13.5 V, VC1 = 18 V)
0.147
0.150
0.153
– CELL output (VC2 = VC1 = 13.5 V)} / 4.5
I(VCELLOUT)
Drive current
VCn– VCn+1 = 0 V , Vcell = 0 V, TA = –40° to 110°
12
18
µA
CELL output offset error
CELL output (VC2 = 18 V, VC1 = 18 V)
VICR
–1
mV
–CELL output (VC2 = VC1 = 0 V)
R(BAL)
Cell balance internal resistance
RDS(ON) for internal FET switch at VDS = 2 V
–50%
400
50%
(1)
Register Address = 0x04, b2(CAL0) = b3(CAL1) = 1, Register Address = 0x03, b0(VMEN) = 1
CURRENT PROTECTION DETECTION, TA = 25°C, CREG = 1 µF, CL = 2.2 µF, VCC or BAT = 14 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RSNS = 0
50
205
V(OLT)
OL detection threshold voltage range, typical(1)
mV
RSNS = 1
25
102.5
RSNS = 0
5
∆V
(OLT)
OL detection threshold voltage program step
mV
RSNS = 1
2.5
RSNS = 0
100
475
SCC detection threshold voltage range, typical
V(SCCT)
mV
(2)
RSNS = 1
50
237.5
RSNS is set in
FUNCTION_CTL register
RSNS = 0
25
∆V
(SCCT)
SCC detection threshold voltage program step
mV
RSNS = 1
12.5
RSNS = 0
–100
–475
SCD detection threshold voltage range,
V(SCDT)
mV
typical(3)
RSNS = 1
–50
–237.5
RSNS = 0
–25
∆V
(SCDT)
SCD detection threshold voltage program step
mV
RSNS = 1
–12.5
VOL = 25 mV (min)
15
25
35
VOL(acr)
VOL = 100 mV (RSNS = 0,1)
90
100
110
mV
OL detection threshold voltage accuracy(1)
VOL = 205 mV (max)
185
205
225
VSCC = 50 mV (min)
–30
–50
70
V(SCC_acr)
VSCC = 200 mV (RSNS = 0,1)
–180
–200
–220
mV
SCC detection threshold voltage accuracy(2)
VSCC = 475 mV (max)
–428
–475
–523
VSCC = –50 mV (min)
30
50
70
V(SCD_acr)
VSCC = –200 mV (RSNS = 0,1)
180
200
220
mV
SCD detection threshold voltage accuracy(3)
VSCC = –475 mV (max)
426
475
523
(1)
See OLV register for setting detection threshold
(2)
See SCC register for setting detection threshold
(3)
See SCD register for setting detection threshold
8


Similar Part No. - BQ29330DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29330DBTR TI-BQ29330DBTR Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results

Similar Description - BQ29330DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Mitsumi Electronics, Co...
MM3783 MITSUMI-MM3783 Datasheet
73Kb / 7P
   3 cell Lithium-ion/Lithium-polymer battery protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
   1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
   2 lithium ion/lithium polymer battery protection IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
   Two Cell Lithium-ion/Polymer Battery Protection
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com