Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT35-2114T Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DT35-2114T
Description  COMMON MODE CHOKE Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DT35-2114T Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DT35-2114T Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DT35-2111T
DT35-2112T
DT35-2113T
DT35-2114T
11
31-1, SHIEN PAN ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3626301 FAX: 886-3-3618901
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
http://www.deltaww.com
DIMENSIONS IN mm
AB
C
D
E
F
G
10.5 MAX.
2.5 MIN.
8.5 MAX.
10.5 MAX.
5.0 0.3
2.5 0.3
COMMON MODE CHOKE
Transformers
Telecommunication
XXXX : DATE CODE
WHITE DOT ON PIN1
PRI
SEC
1
6
DT35-XXXXXX
DELTAXXXX
6
54
43
13
4
3
A
B
D
F
E C
5
64
(1)
(2)
SEC
PRI
5
1
4
2
N1
N2
N2
N1
DT35-2111T
DT35-2112T
DT35-2113T
DT35-2114T
T.R
L
PRI: 5mH 10%
@10KHz 0.1V
L.K
180uH 10%
150uH 10%
@100KHz 1V
C
50pF Max. @100KHz 1V
D.C.R
N1: 18
15%
HI-POT
850 VAC 1 SEC
SCHEMATIC
1
(N1:N2): 1:1 2%
(N1:N2): 1:1 2%
(N1:N2): 1:1 2%
(N1:N2): 1:1 1%
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
PRI: 5mH 10%
PRI: 3.5mH 10%
PRI: 0.5mH 5%
PRI: 5mH 20% 160mA
PRI: 5mH 20% 160mA
PRI: 3.5mH 20% 160mA SEC: 0.5mH 5%
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
@100KHz 1V
50pF Max. @100KHz 1V
50pF Max. @100KHz 1V
N1: 16.5
15%
N1: 13.7
15%
N1: 1.7
Max.
N2: 18
15%
N2: 20
15%
N2: 16.5
15%
N2: 1.7
Max.
850 VAC 1 SEC
850 VAC 1 SEC
600 VAC 60 SEC
11
2
ELECTRICAL CHARACTERISTICS
----------------
----------------


Similar Part No. - DT35-2114T

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DT35-2004AS DELTA-DT35-2004AS Datasheet
50Kb / 1P
   Telecommunication Common Mode Choke Transformers
DT35-2005AS DELTA-DT35-2005AS Datasheet
50Kb / 1P
   Telecommunication Common Mode Choke Transformers
DT35-2008AS DELTA-DT35-2008AS Datasheet
50Kb / 1P
   Telecommunication Common Mode Choke Transformers
DT35-2010T DELTA-DT35-2010T Datasheet
52Kb / 1P
   COMMON MODE CHOKE
DT35-2011T DELTA-DT35-2011T Datasheet
52Kb / 1P
   COMMON MODE CHOKE
More results

Similar Description - DT35-2114T

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DT35-2004AS DELTA-DT35-2004AS Datasheet
50Kb / 1P
   Telecommunication Common Mode Choke Transformers
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com