Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A472M15Z5UF5UAA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A472M15Z5UF5UAA
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A472M15Z5UF5UAA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A472M15Z5UF5UAA Datasheet HTML 1Page - List of Unclassifed Manufacturers A472M15Z5UF5UAA Datasheet HTML 2Page - List of Unclassifed Manufacturers A472M15Z5UF5UAA Datasheet HTML 3Page - List of Unclassifed Manufacturers A472M15Z5UF5UAA Datasheet HTML 4Page - List of Unclassifed Manufacturers A472M15Z5UF5UAA Datasheet HTML 5Page - List of Unclassifed Manufacturers A472M15Z5UF5UAA Datasheet HTML 6Page - List of Unclassifed Manufacturers A472M15Z5UF5UAA Datasheet HTML 7Page - List of Unclassifed Manufacturers A472M15Z5UF5UAA Datasheet HTML 8Page - List of Unclassifed Manufacturers A472M15Z5UF5UAA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2002 Sep 10
3
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
MECHANICAL DATA
Fig.2 Tape carrier.
Dimensions in mm.
CCA974
L
5 mm or
6.35 mm wide
carrier tape
52.4
±1.5
∅D
∅0.5
Physical dimensions
Table 1
Capacitor dimensions and mass
Note
1. Dimensions between parentheses are in inches.
SIZE
Lmax(1)
(mm)
∅Dmax(1)
(mm)
MASS
(g)
15
3.8
(0.150)
2.5
(0.100)
≈0.14
20
5.0
(0.200)
3.0
(0.120)
≈0.14
Marking (see Fig.3)
Date code (DDD):
Three-digit code; first digit denotes
year, last two denote week of
manufacture.
941 = 1999, wk 41
Capacitance value (CCC):
10 pF to 99 pF; actual value in pF
(2 digits only)
100 pF and above; coded
capacitance value
(same as used in P/N).
Capacitance tolerance (T):
Standard EIA tolerance
(same as used in P/N).
Material code (M):
A=C0G
C=X7R
E=Z5U
Y= Y5V.
Voltage code (V):
1 = 100 V
3=25 V
5=50 V.
Fig.3 Markings on the body.
CCCT
M V
DDD
JW62
BC


Similar Part No. - A472M15Z5UF5UAA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A472 LITTELFUSE-A472 Datasheet
137Kb / 2P
   GAS DISCHARGE TUBE - 9,5x11,5mm
logo
AiT Semiconductor Inc.
A4722 AITSEMI-A4722 Datasheet
519Kb / 14P
   QUAD SPDT ANALOG SWITCH 0.5 廓L,OW VOLTAGE
REV2.0
A4722Q16R AITSEMI-A4722Q16R Datasheet
519Kb / 14P
   QUAD SPDT ANALOG SWITCH 0.5 廓L,OW VOLTAGE
REV2.0
A4722Q16VR AITSEMI-A4722Q16VR Datasheet
519Kb / 14P
   QUAD SPDT ANALOG SWITCH 0.5 廓L,OW VOLTAGE
REV2.0
logo
Vishay Siliconix
A472G VISHAY-A472G Datasheet
129Kb / 10P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 17-Nov-17
More results

Similar Description - A472M15Z5UF5UAA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com