Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62429FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M62429FP
Description  SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62429FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62429FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62429FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62429FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62429FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62429FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62429FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
M62429P/FP
MITSUBISHI SOUND PROCESSOR ICs
PRELIMINARY
Notice:This
is not a
final specification.
Some
parametric
limits
are subject
to change.
(
/
)
ELECTRIC
MITSUBISHI
6
M62429P/FP
MITSUBISHI SOUND PROCESSOR ICs
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
DESCRIPTION
The M62429 is a dual channel electronic volume controlled with 2-wire serial data.
The built-in reference circuit can compose of an electronic volume with less external parts.
FEATURES
•Built-in reference circuit
•Control with serial data
Volume 0 to -83dB (1dB/step), -
(Independent control is allowed in each channel)
•Low noise and low distortion
VNO = 5µVrms (ATT = - , JIS-A)
THD = 0.01% Typ. (V0 = 0.5Vrms, DIN-AUDIO)
Outline 8P2S-A(FP)
1.27mm pitch 225mil SOP
(4.4mmx5.0mmx1.5mm)
RECOMMENDED OPERATING CONDITIONS
Supply voltage range.............. Vcc = 4.5 to 5.5V
Rated supply voltage......................Vcc = 5V
Outline 8P4 (P)
2.54mm pitch 300mil DIP
(6.3mmx8.9mmx3.3mm)
SYSTEM CONFIGURATION
M62429P/FP
2ch IN
1ch IN
2ch OUT
1ch OUT
LOGIC
CONTROL
VOLUME
VOLUME
DATA
CLOCK
PRELIMINARY
Notice:This is not a final
specification.
Some parametric limits
are subject to change.
1


Similar Part No. - M62429FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62429FP RENESAS-M62429FP Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
More results

Similar Description - M62429FP

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
   Serial Data Control Dual Electronic Volume
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
   Serial data controlled dual channel electronic volume control
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
   High Breakdown Voltage Serial Control Electronic Volume Control
LC7535M SANYO-LC7535M Datasheet
226Kb / 9P
   Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com