Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1856B-020T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1856B-020T
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856B-020T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1856B-020T Datasheet HTML 1Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 2Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 3Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 4Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 5Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 6Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 7Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 8Page - Maxim Integrated Products DS1856B-020T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Dual, Temperature-Controlled Resistors with Inter-
nally Calibrated Monitors and Password Protection
4
_____________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fast mode
0
400
SCL Clock Frequency (Note 9)
fSCL
Standard mode
0
100
kHz
Fast mode
1.3
Bus Free Time Between STOP and
START Condition (Note 9)
tBUF
Standard mode
4.7
µs
Fast mode
0.6
Hold Time (Repeated)
START Condition (Notes 9, 10)
tHD:STA
Standard mode
4.0
µs
Fast mode
1.3
LOW Period of SCL Clock (Note 9)
tLOW
Standard mode
4.7
µs
Fast mode
0.6
HIGH Period of SCL Clock (Note 9)
tHIGH
Standard mode
4.0
µs
Fast mode
0
0.9
Data Hold Time (Notes 9, 11, 12)
tHD:DAT
Standard mode
0
µs
Fast mode
100
Data Setup Time (Note 9)
tSU:DAT
Standard mode
250
ns
Fast mode
0.6
START Setup Time (Note 9)
tSU:STA
Standard mode
4.7
µs
Fast mode
20 + 0.1CB
300
Rise Time of Both SDA and SCL
Signals (Note 13)
tR
Standard mode
20 + 0.1CB
1000
ns
Fast mode
20 + 0.1CB
300
Fall Time of Both SDA and SCL
Signals (Note 13)
tF
Standard mode
20 + 0.1CB
300
ns
Fast mode
0.6
Setup Time for STOP Condition
tSU:STO
Standard mode
4.0
µs
Capacitive Load for Each Bus Line
CB
(Note 13)
400
pF
EEPROM Write Time
tW
10
20
ms
AC ELECTRICAL CHARACTERISTICS
(VCC = 2.85V to 5.5V, TA = -40°C to +95°C, unless otherwise noted. See Figure 6.)
Note 1:
All voltages are referenced to ground.
Note 2:
I/O pins of fast-mode devices must not obstruct the SDA and SCL lines if VCC is switched off.
Note 3:
SDA and SCL are connected to VCC and all other input signals are connected to well-defined logic levels.
Note 4:
Full scale is user programmable. The maximum voltage that the MON inputs read is approximately full scale, even if the volt-
age on the inputs is greater than full scale.
Note 5:
This voltage defines the maximum range of the analog-to-digital converter voltage, not the maximum VCC voltage.
Note 6:
Absolute linearity is the difference of measured value from expected value at DAC position. The expected value is a
straight line from measured minimum position to measured maximum position.
Note 7:
Relative linearity is the deviation of an LSB DAC setting change vs. the expected LSB change. The expected LSB change
is the slope of the straight line from measured minimum position to measured maximum position.
Note 8:
See the Typical Operating Characteristics.
Note 9:
A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT > 250ns must then be met. This
is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the
LOW period of the SCL signal, it must output the next data bit to the SDA line tRMAX + tSU:DAT = 1000ns + 250ns = 1250ns
before the SCL line is released.


Similar Part No. - DS1856B-020T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856B-M50++ MAXIM-DS1856B-M50+ Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856B-M50+R MAXIM-DS1856B-M50+R Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856B-M50+T MAXIM-DS1856B-M50+T Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
More results

Similar Description - DS1856B-020T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com