Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A474Z20Y5VE5UAA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A474Z20Y5VE5UAA
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A474Z20Y5VE5UAA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A474Z20Y5VE5UAA Datasheet HTML 1Page - List of Unclassifed Manufacturers A474Z20Y5VE5UAA Datasheet HTML 2Page - List of Unclassifed Manufacturers A474Z20Y5VE5UAA Datasheet HTML 3Page - List of Unclassifed Manufacturers A474Z20Y5VE5UAA Datasheet HTML 4Page - List of Unclassifed Manufacturers A474Z20Y5VE5UAA Datasheet HTML 5Page - List of Unclassifed Manufacturers A474Z20Y5VE5UAA Datasheet HTML 6Page - List of Unclassifed Manufacturers A474Z20Y5VE5UAA Datasheet HTML 7Page - List of Unclassifed Manufacturers A474Z20Y5VE5UAA Datasheet HTML 8Page - List of Unclassifed Manufacturers A474Z20Y5VE5UAA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2002 Sep 10
2
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
FEATURES
• High capacitance per unit volume
• Low cost.
APPLICATIONS
These conformally coated axial leaded
capacitors are designed for
commercial and industrial
applications in four dielectrics,
NP0 (ultra-stable), X7R (stable) and
Z5U, Y5V (general purpose).
Applications include timing,
coupling/decoupling, signal
comparison and biasing.
Mono-axial™ capacitors are suitable
for automatic insertion equipment.
DESCRIPTION
The basic capacitor construction
consists of ceramic dielectric materials
processed into a tape
with a typical thickness range
from 0.025 to 0.076 mm. Metal
electrode patterns are applied using a
thick film screening process. Multiple
layers are stacked and laminated in
such a manner that electrodes are
alternately exposed when the pattern is
cut into individual chip capacitors.
The capacitors are fired through a high
temperature profile to mature the
ceramic and metal into a
homogeneous unit.
Metal end terminations are applied
and fired to provide electrical
connection between the individual
layers. Tinned leads are attached using
a solder. Encapsulation consists of a
moisture resistant gold colour
conformal epoxy coating that meets
the flame requirements of “UL94V-0”.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
2252
205 .....
2252
206 .....
2252
225 .....
2252
226 .....
2252
245 .....
2252
246 .....
2252
262 .....
2252
265 .....
Capacitance range
10 to 5600 pF
100 pF to 0.22
µF1000 pF to 1.0 µF
0.01to1.0
µF
Rated DC voltage
50 V
100 V
50 V
100 V
50 V
100 V
25 V
50 V
Tolerance on capacitance
±5%
±10%
±20%
+80%/
−20%
Temperature coefficient
NP0
X7R
Z5U
Y5V
Fig.1 Simplified outline.
MGA331


Similar Part No. - A474Z20Y5VE5UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A474Z20Y5VF5 VISHAY-A474Z20Y5VF5 Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results

Similar Description - A474Z20Y5VE5UAA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com