Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1856B-030T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1856B-030T
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856B-030T Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1856B-030T Datasheet HTML 1Page - Maxim Integrated Products DS1856B-030T Datasheet HTML 2Page - Maxim Integrated Products DS1856B-030T Datasheet HTML 3Page - Maxim Integrated Products DS1856B-030T Datasheet HTML 4Page - Maxim Integrated Products DS1856B-030T Datasheet HTML 5Page - Maxim Integrated Products DS1856B-030T Datasheet HTML 6Page - Maxim Integrated Products DS1856B-030T Datasheet HTML 7Page - Maxim Integrated Products DS1856B-030T Datasheet HTML 8Page - Maxim Integrated Products DS1856B-030T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Dual, Temperature-Controlled Resistors with Inter-
nally Calibrated Monitors and Password Protection
_____________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermometer Error
TERR
-40°C to +95°C
±3.0
°C
DIGITAL THERMOMETER
(VCC = 2.85V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Writes
+70°C (Note 14)
50,000
Writes
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = 2.85V to 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Resolution
∆VMON
610
µV
Supply Resolution
∆VCC
1.6
mV
Input/Supply Accuracy
(MON1, MON2, MON3, VCC)
ACC
At factory setting
0.25
0.5
% FS
(full scale)
Update Rate for MON1, MON2,
MON3, Temp, or VCC
tframe
47
60
ms
Input/Supply Offset
(MON1, MON2, MON3, VCC)
VOS
(Note 14)
0
5
LSB
ANALOG VOLTAGE MONITORING
(VCC = 2.85V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Position 00h Resistance (50k
Ω)TA = +25°C
0.65
1.0
1.35
k
Position FFh Resistance (50k
Ω)TA = +25°C
40
50
60
k
Position 00h Resistance (30k
Ω)TA = +25°C
0.40
k
Position FFh Resistance (30k
Ω)TA = +25°C
30
k
Position 00h Resistance (20k
Ω)TA = +25°C
0.20
0.40
0.55
k
Position FFh Resistance (20k
Ω)TA = +25°C
15
20
25
k
Position 00h Resistance (10k
Ω)TA = +25°C
0.40
k
Position FFh Resistance (10k
Ω)TA = +25°C
10
k
Position 00h Resistance (2.5k
Ω)TA = +25°C
0.1
0.175
0.250
k
Position FFh Resistance (2.5k
Ω)TA = +25°C
2.0
2.50
3.0
k
Absolute Linearity
(Note 6)
-2
+2
LSB
Relative Linearity
(Note 7)
-1
+1
LSB
Temperature Coefficient
(Note 8)
50
ppm/°C
ANALOG RESISTOR CHARACTERISTICS
(VCC = 2.85V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)


Similar Part No. - DS1856B-030T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856B-M50++ MAXIM-DS1856B-M50+ Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856B-M50+R MAXIM-DS1856B-M50+R Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856B-M50+T MAXIM-DS1856B-M50+T Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
More results

Similar Description - DS1856B-030T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com