Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIC98648 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FIC98648
Description  Microprocessor for use with TGS4160 in automatic CO2 monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FIC98648 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FIC98648 Datasheet HTML 1Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 2Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 3Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 4Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 5Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 6Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 7Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 8Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Revised 08/03
5
TECHNICAL INFORMATION FOR FIC98648
4-1-3 Input signal Tr for automatic benchmark reset (Pin
No. 13)
Whenever the benchmark level Vg has only been
adjusted (Sec. 4-1-2) and has not been renewed (Sec.
1-1) for a pre-set period of time (Tr), it should be auto-
matically reset at the current output signal in ambient
air. Table 4 shows the time intervals (Tr) which can
be pre-set by applying a signal to Port R52.
4-1-4 Input signal for damper control (Pin No. 9)
Concentration levels of CO2 at which the damper
control signals are activated are selected by inputting
a voltage signal to port AIN2. Sensor output voltage
is first AD converted within the microprocessor. The
relationship between these AD converted values and
CO2 concentrations is shown in Table 5. Whenever a
CO2 concentration exceeds the threshold level for
opening the damper (Cd1), a low signal (L) is output
from port R60. A high signal (H) is output for closing
the damper when the CO2 concentration drops
beneath the Cd2 level. Figure 11 shows the circuit
for damper control signal threshold. Please note that
a high signal (H) is designed to be output during the
sensor’s initial warm-up period and also whenever
the malfunction signal is activated.
4-2 Gas sensor signal Vg input (Pin No. 7)
Since the raw sensor output voltage (EMF) actually
decreases as CO2 concentration increases, the sensor’s
output voltage is reversed, amplified and adjusted
(please refer to Figure 3, Sec. 4-4, and Sec. 5-1 for
details). The result of this process is a gas sensor signal
Vg with good resolution and which increases/
decreases as CO2 concentration increases/decreases.
This gas sensor signal Vg is input to port AIN0.
4-3 Internal thermistor signal VT input (Pin No. 8)
To compensate for the temperature dependency of
CO2 sensor, a signal from the sensor ’s internal
thermistor (VT) is input to port AIN1. This thermistor
also monitors the sensor’s built-in heater from 30
minutes after powering and after. By detecting a
sharp drop in the sensor’s internal temperature
indicative of a broken heater, the thermistor can cause
a malfunction signal to be generated by the
microprocessor.
4-4 Bias signal output (Pin No. 24)
A PWM signal, of which the pulse width is variable,
is output from port R90. To optimize the resolution
of Vg readings, this signal is introduced to the
differential circuit after being converted to an analog
voltage, and adjusts the benchmark level Vg to fall
between 25 and 51 counts at AD converted value, or
0.38 ~ 0.75V at 3.8V full scale. The bias signal starts
from 128 counts (1.9V at 3.8V full scale) when the
power is switched on, and reduces the count stepwise
along with the sensor’s initial action until Vg falls
and then stabilizes at the above stated level.
4-5 Manual benchmark reset signal input (Pin No. 27)
The benchmark level can be reset manually at any
time by inputting an “L” pulse to port KEO. This
manual benchmark reset should be done in a clean
atmosphere where the CO2 concentration is about
400ppm (please refer to Sec. 5-6 - Benchmark reset
circuit).
Note: If the benchmark level is manually reset under
a high CO2 concentration environment, the device’s
sensitivity would be decreased and calculated CO2
concentration values would be less than the actual
concentration.
4-6 Sensor signal output
4-6-1 PWM signal output for CO2 concentration (Pin No. 25)
A PWM signal is output from port R91 to show CO2
g
n
i
t
t
e
S
t
u
p
n
I
l
a
n
g
i
S
"
H
"
"
L
"
e
m
i
t
t
e
s
e
r
o
t
u
A
)
r
T
(
s
y
a
d
7s
y
a
d
0
3
Table 4 - Auto reset timer setting (AM-4 default = 7 days)
t
u
p
n
i
l
a
n
g
i
S
)
*
5
5
2
-
0
:
d
e
t
r
e
v
n
o
c
D
A
(
)
m
p
p
(
1
d
C
)
m
p
p
(
2
d
C
8
4
-
00
0
80
2
7
6
9
-
9
40
0
0
10
0
8
4
4
1
-
7
90
0
5
10
0
3
1
2
9
1
-
5
4
10
0
0
20
0
8
1
5
5
2
-
3
9
10
0
0
30
0
7
2
Table 5 - Thresholds for damper OPEN/CLOSE signal
Cd1: Threshold for OPEN signal
Cd2: Threshold for CLOSE signal
* 8-bit - Least significant byte=3.8V/256


Similar Part No. - FIC98648

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIC-60 AXIOMTEK-FIC-60 Datasheet
208Kb / 1P
   Anti-vibration & shock resistance
logo
Banner Engineering Corp...
FIC-M12F5 BANNER-FIC-M12F5 Datasheet
333Kb / 12P
   R55F Series Fiber-Optic Color Mark Sensors
FIC-M12F5A BANNER-FIC-M12F5A Datasheet
333Kb / 12P
   R55F Series Fiber-Optic Color Mark Sensors
FIC-M12M5 BANNER-FIC-M12M5 Datasheet
333Kb / 12P
   R55F Series Fiber-Optic Color Mark Sensors
FIC-M12M5A BANNER-FIC-M12M5A Datasheet
333Kb / 12P
   R55F Series Fiber-Optic Color Mark Sensors
More results

Similar Description - FIC98648

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
   Microprocessor Reset Monitors
01-Nov-02
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215_05 Datasheet
508Kb / 12P
   ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
Rohm
2SB1339 ROHM-2SB1339 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com