Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIC98648 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FIC98648
Description  Microprocessor for use with TGS4160 in automatic CO2 monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FIC98648 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FIC98648 Datasheet HTML 3Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 4Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 5Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 6Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 7Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 8Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 9Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 10Page - List of Unclassifed Manufacturers FIC98648 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Revised 08/03
7
TECHNICAL INFORMATION FOR FIC98648
4-10 Line test mode (Pin No. 4)
A line test mode can be activated by the input of an
“L” signal to port R70 at the moment of power supply.
Operation of the microprocessor and the surrounding
circuits will be tested according to the schedule
shown in Table 7. After powering on, signal outputs
change from Step 1 to Step 4 according to the table,
with Steps 1-3 lasting 5 seconds each. Afterwards,
Step 4 outputs will be maintained continuously until
the power is shut off.
l
a
n
i
m
r
e
T
t
u
p
t
u
O
l
a
n
g
i
S
e
m
a
N
l
o
b
m
y
S
.
o
N
n
i
P
1
p
e
t
S
2
p
e
t
S
3
p
e
t
S
4
p
e
t
S
O
C 2
n
o
i
t
a
r
t
n
e
c
n
o
c
l
a
n
g
i
s
1
9
R5
2
)
m
p
p
(
1
d
C
1
*
e
t
o
N
)
m
p
p
(
1
d
C)
m
p
p
(
1
d
C)
m
p
p
(
1
d
C
l
a
n
g
i
s
s
a
i
B
2
*
e
t
o
N
0
9
R4
20
5
5
28
2
18
2
1
D
E
L
n
e
e
r
G3
6
R9
1L
H
(
3
e
t
o
N
)H
D
E
L
d
e
R2
6
R8
1H
L
(
4
e
t
o
N
)H
l
o
r
t
n
o
c
r
e
p
m
a
D
l
a
n
g
i
s
0
6
R6
1H
L
(
5
e
t
o
N
)H
n
o
i
t
c
n
u
f
l
a
M1
6
R7
1H
L
(
6
e
t
o
N
)H
k
r
a
m
h
c
n
e
B
s
u
t
a
t
s
l
a
w
e
n
e
r
2
9
R6
2
HLH
H
Notes:
(1) Please refer to Sec. 4-1-4 - Input signal for damper control
(2) Please refer to Sec. 4-4 - Bias signal output
(3) H or L, as input to Pin #10 for initial warmup setting - refer to Sec. 4-1-1
(4) H or L, as input to Pin #11 for benchmark adjustment - refer to Sec. 4-1-2
(5) H or L, as input to Pin #12 for benchmark adjustment - refer to Sec. 4-1-2
(6) H or L, as input to Pin #13 for benchmark reset - refer to Sec. 4-1-3
(7) Outputs shown are held until power is shut off
Table 7 - Line test mode
5. Electrical Circuit for FIC98648
The following peripheral circuits are suggested when
using the FIC98648 with the TGS4160 sensor.
5-1 Circuit for driving sensor and for processing sensor signals
The block/circuit diagrams for driving the sensor and
processing its signals are shown in Figure 3 (below)
and Figure 4 (Page 8) respectively. Please note the
following items:
a) +5.0V should be applied to Pin No. 6 for the heater
of TGS4160.
b) +3.8V is the specified voltage to sensor pin No. 5
for the built-in thermistor which is connected in
series with an 8.2kΩ resistor. Output voltage across
the 8.2kΩ resistor is designed to be input to port
Thermistor
signal (VT)
FIC98648
Heater
voltage
(VH)
Sensor
voltage
(EMF)
Buffer
circuit
4.5 times
amplification
circuit
+3.8V
+5V
Regulation
circuit
Bias signal (PWM signal)
Convert to DC
Buffer
circuit
+
10 times
amplification
circuit
+
Figure 3 - Block diagram for driving sensor and processing sensor signal


Similar Part No. - FIC98648

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIC-60 AXIOMTEK-FIC-60 Datasheet
208Kb / 1P
   Anti-vibration & shock resistance
logo
Banner Engineering Corp...
FIC-M12F5 BANNER-FIC-M12F5 Datasheet
333Kb / 12P
   R55F Series Fiber-Optic Color Mark Sensors
FIC-M12F5A BANNER-FIC-M12F5A Datasheet
333Kb / 12P
   R55F Series Fiber-Optic Color Mark Sensors
FIC-M12M5 BANNER-FIC-M12M5 Datasheet
333Kb / 12P
   R55F Series Fiber-Optic Color Mark Sensors
FIC-M12M5A BANNER-FIC-M12M5A Datasheet
333Kb / 12P
   R55F Series Fiber-Optic Color Mark Sensors
More results

Similar Description - FIC98648

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
   Microprocessor Reset Monitors
01-Nov-02
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215_05 Datasheet
508Kb / 12P
   ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
Rohm
2SB1339 ROHM-2SB1339 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com