Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD66725 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD66725
Description  112 x 80-dot Graphics LCD Controller/Driver
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66725 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD66725 Datasheet HTML 5Page - Hitachi Semiconductor HD66725 Datasheet HTML 6Page - Hitachi Semiconductor HD66725 Datasheet HTML 7Page - Hitachi Semiconductor HD66725 Datasheet HTML 8Page - Hitachi Semiconductor HD66725 Datasheet HTML 9Page - Hitachi Semiconductor HD66725 Datasheet HTML 10Page - Hitachi Semiconductor HD66725 Datasheet HTML 11Page - Hitachi Semiconductor HD66725 Datasheet HTML 12Page - Hitachi Semiconductor HD66725 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
HD66740
9
Pin Functions
Table 2
Pin Functional Description
Signals
Number of
Pins
I/O
Connected to
Functions
IM2, IM1
2
I
GND or V
CC
Selects the MPU interface mode:
IM2
"GND"
"GND"
"Vcc"
"Vcc"
IM1
"GND"
"Vcc"
"GND"
"Vcc"
MPU interface mode
Clock synchronized serial interface
68-system parallel interface
I2C bus interface
80-system parallel interface
IM0/ID
1
I
GND or V
CC
Selects the transfer bus length for a parallel bus
interface.
GND: 8-bit bus, Vcc: 4-bit bus
Inputs the ID of the device ID code for a serial bus and
I2C bus interface.
CS*
1
I
MPU
Selects the HD66740:
Low: HD66740 is selected and can be accessed
High: HD66740 is not selected and cannot be
accessed
Must be fixed at GND level when not in use.
RS
1
I
MPU
Selects the register for a parallel bus interface.
Low: Instruction
High: RAM access
Must be fixed at GND level when not in use.
E/WR*/SCL
1
I
MPU
For an 80-system parallel bus interface, serves as a
write strobe signal and writes data at the low level.
For a 68-system parallel bus interface, serves as an
enable signal to activate data read/write operation.
Inputs the serial transfer clock for a serial interface.
Fetches data at the rising edge of a clock.
RW/RD*/
SDA
1I or
I/O
MPU
For an 80-system parallel bus interface, serves as a
write strobe signal and reads data at the low level.
For a 68-system parallel bus interface, serves as a
signal to select data read/write operation.
Low: Write
High: Read
Serves as the bidirectional serial transfer data for a
serial interface.
Sends/Receives data.


Similar Part No. - HD66725

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66725 HITACHI-HD66725 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
HD66725 HITACHI-HD66725 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
More results

Similar Description - HD66725

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66728 HITACHI-HD66728 Datasheet
5Mb / 134P
   (112 x 80-dot Graphics LCD Controller/Driver)
HD66760 HITACHI-HD66760 Datasheet
653Kb / 105P
   104 X 80-dot Graphics LCD Controller/Driver for 256 Colors
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
logo
Sanyo Semicon Device
LC7982A SANYO-LC7982A Datasheet
264Kb / 18P
   LCD Dot Matrix Graphics Display Controller
logo
Hitachi Semiconductor
HD66750 HITACHI-HD66750 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
logo
OKI electronic componet...
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
   80-DOT LCD DRIVER
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
   80-DOT LCD SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com