Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040BNB1T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M50FLW040BNB1T
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040BNB1T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M50FLW040BNB1T Datasheet HTML 7Page - STMicroelectronics M50FLW040BNB1T Datasheet HTML 8Page - STMicroelectronics M50FLW040BNB1T Datasheet HTML 9Page - STMicroelectronics M50FLW040BNB1T Datasheet HTML 10Page - STMicroelectronics M50FLW040BNB1T Datasheet HTML 11Page - STMicroelectronics M50FLW040BNB1T Datasheet HTML 12Page - STMicroelectronics M50FLW040BNB1T Datasheet HTML 13Page - STMicroelectronics M50FLW040BNB1T Datasheet HTML 14Page - STMicroelectronics M50FLW040BNB1T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11/52
M50FLW040A, M50FLW040B
changed during Program or Erase Suspend, and
care should be taken to avoid this.
Write Protect (WP). The Write Protect input is
used to prevent the Main Blocks (Blocks 0 to 6)
from being changed. When Write Protect, WP, is
driven Low, VIL, Program and Erase operations in
the Main Blocks have no effect, regardless of the
state of the Lock Register. When Write Protect,
WP, is driven High, VIH, the protection of the Block
is determined by the Lock Register. The state of
Write Protect, WP, does not affect the protection of
the Top Block (Block 7). For details, see APPEN-
DIX A..
Write Protect, WP, must be set prior to a Program
or Erase operation is initiated, and must not be
changed until the operation has completed other-
wise unpredictable results may occur. Similarly,
unpredictable behavior is possible if WP is
changed during Program or Erase Suspend, and
care should be taken to avoid this.
Reserved for Future Use (RFU). These pins do
not presently have assigned functions. They must
be left disconnected, except for ID3 (when in LPC
mode) which can be left connected. The electrical
characteristics for this signal are as described in
the “Identification Inputs (ID0-ID3).” section.
Address/Address Multiplexed (A/A Mux)
Signal Descriptions
Please see Figure 3. and Table 2..
Address Inputs (A0-A10). The Address Inputs
are used to set the Row Address bits (A0-A10) and
the Column Address bits (A11-A18). They are
latched during any bus operation by the Row/Col-
umn Address Select input, RC.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs hold the data that is to be written to
or read from the memory. They output the data
stored at the selected address during a Bus Read
operation. During Bus Write operations they carry
the commands that are sent to the Command In-
terface of the internal state machine. The Data In-
puts/Outputs, DQ0-DQ7, are latched during a Bus
Write operation.
Output Enable (G). The Output Enable signal, G,
controls the output buffers during a Bus Read op-
eration.
Write Enable (W). The Write Enable signal, W,
controls the Bus Write operation of the Command
Interface.
Row/Column Address Select (RC). The
Row/
Column Address Select input selects whether the
Address Inputs are to be latched into the Row Ad-
dress bits (A0-A10) or the Column Address bits
(A11-A18). The Row Address bits are latched on
the falling edge of RC whereas the Column Ad-
dress bits are latched on its rising edge.
Ready/Busy Output (RB). The Ready/Busy pin
gives the status of the device’s Program/Erase
Controller. When Ready/Busy is Low, VOL, the de-
vice is busy with a program or erase operation,
and it will not accept any additional program or
erase command (except for the Program/Erase
Suspend command). When Ready/Busy is High,
VOH, the memory is ready for any read, program or
erase operation.
Supply Signal Descriptions
The Supply Signals are the same for both interfac-
es.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for all operations (read, pro-
gram, erase, etc.).
The Command Interface is disabled when the VCC
Supply Voltage is less than the Lockout Voltage,
VLKO. This is to prevent Bus Write operations from
accidentally damaging the data during power up,
power down and power surges. If the Program/
Erase Controller is programming or erasing during
this time, the operation aborts, and the memory
contents that were being altered will be invalid. Af-
ter VCC becomes valid, the Command Interface is
reset to Read mode.
A 0.1µF capacitor should be connected between
the VCC Supply Voltage pins and the VSS Ground
pin to decouple the current surges from the power
supply. Both VCC Supply Voltage pins must be
connected to the power supply. The PCB track
widths must be sufficient to carry the currents re-
quired during program and erase operations.
VPP Optional Supply Voltage. The VPP Optional
Supply Voltage pin is used to select the Fast Pro-
gram (see the Quadruple Byte Program command
description in A/A Mux interface and the Double/
Quadruple Byte Program command description in
FWH mode) and Fast Erase options of the memo-
ry.
When VPP = VCC, program and erase operations
take place as normal. When VPP = VPPH, Fast Pro-
gram and Erase operations are used. Any other
voltage input to VPP will result in undefined behav-
ior, and should not be used.
VPP should not be set to VPPH for more than
80 hours during the life of the memory.
VSS Ground. VSS is the reference for all the volt-
age measurements.


Similar Part No. - M50FLW040BNB1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW040BNB5G STMICROELECTRONICS-M50FLW040BNB5G Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040BNB5P STMICROELECTRONICS-M50FLW040BNB5P Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040BNB5TG STMICROELECTRONICS-M50FLW040BNB5TG Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040BNB5TP STMICROELECTRONICS-M50FLW040BNB5TP Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
More results

Similar Description - M50FLW040BNB1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW080A STMICROELECTRONICS-M50FLW080A Datasheet
534Kb / 64P
   8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
M50FLW040A STMICROELECTRONICS-M50FLW040A_06 Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50LPW116 STMICROELECTRONICS-M50LPW116 Datasheet
259Kb / 36P
   16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
February 2003
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
STMicroelectronics
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com