Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDT1422PAG Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDT1422PAG
Description  14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDT1422PAG Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LVDT1422PAG Datasheet HTML 6Page - Texas Instruments SN75LVDT1422PAG Datasheet HTML 7Page - Texas Instruments SN75LVDT1422PAG Datasheet HTML 8Page - Texas Instruments SN75LVDT1422PAG Datasheet HTML 9Page - Texas Instruments SN75LVDT1422PAG Datasheet HTML 10Page - Texas Instruments SN75LVDT1422PAG Datasheet HTML 11Page - Texas Instruments SN75LVDT1422PAG Datasheet HTML 12Page - Texas Instruments SN75LVDT1422PAG Datasheet HTML 13Page - Texas Instruments SN75LVDT1422PAG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
CLK IN / CLK OUT
ODD TA/TB
ODD RA/RB
EVEN TA/TB
EVEN RA/RB
t
5 pF
100 W
TA/TB +
TA/TB −
tr
tf
80 %
20 %
80 %
20 %
CMOS/TTL output
8 pF
tr
tf
80%
20%
80%
20%
Differential
tt(CLK)
80%
20%
80%
20%
3 V
0 V
tt(CLK)
CLK IN
SN75LVDT1422
SLLS653 – JUNE 2005
Figure 1. Worst Case Test Pattern
Figure 2. LVDS Output Load
Figure 3. Receiver CMOS/LVTTL Output Load and Transition Times
Figure 4. Transmitter LVDS Transition Times
Figure 5. Transmitter Input Clock Transition Time
10


Similar Part No. - SN75LVDT1422PAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDT386 TI-SN75LVDT386 Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386 TI-SN75LVDT386 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386 TI-SN75LVDT386 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDT1422PAG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
   14-Bit GMSL Deserializer
Rev 0; 2/16
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com