Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDT1422PAGRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LVDT1422PAGRG4
Description  14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDT1422PAGRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LVDT1422PAGRG4 Datasheet HTML 3Page - Texas Instruments SN75LVDT1422PAGRG4 Datasheet HTML 4Page - Texas Instruments SN75LVDT1422PAGRG4 Datasheet HTML 5Page - Texas Instruments SN75LVDT1422PAGRG4 Datasheet HTML 6Page - Texas Instruments SN75LVDT1422PAGRG4 Datasheet HTML 7Page - Texas Instruments SN75LVDT1422PAGRG4 Datasheet HTML 8Page - Texas Instruments SN75LVDT1422PAGRG4 Datasheet HTML 9Page - Texas Instruments SN75LVDT1422PAGRG4 Datasheet HTML 10Page - Texas Instruments SN75LVDT1422PAGRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
RECEIVER SUPPLY CURRENT
SUPPLY CURRENT
(1)
TRANSMITTER INPUT TIMING REQUIREMENTS
TRANSMITTER SWITCHING CHARACTERISTICS
SN75LVDT1422
SLLS653 – JUNE 2005
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
f = 10 MHz
19
35
f = 25 MHz
27
42
f = 40 MHz
35
45
ICC
Supply current (worst case)
See Figure 1 and Figure 3
mA
f = 65 MHz
49
69
f = 85 MHz
60
81
f = 100 MHz
69
90
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
ICC(DIS)
Disable supply current
TX/RX ENABLEs = GND
150
800
µA
(1)
CMOS inputs have to connect to ground.
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tt(CLK)
Transition time, CLK IN
See Figure 5
1.0
6.0(2)
ns
tc(CLK)
Input clock period, CLK IN
10
T
100
ns
twH(CLK)
Pulse duration, clock high, CLK IN
See Figure 6
0.35T
0.5T
0.65T
ns
twL(CLK)
Pulse duration, clock low, CLK IN
0.35T
0.5T
0.65T
ns
tt(EN)
Transition time, TX ENABLE, TAx/TBx
1.5
6.0
ns
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Regulate clock frequency lower than 50 MHz. tt(CLK)max = 1/f x 50% x 60%.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tr
LVDS Rise time
See Figure 4
0.38
0.7
ns
tf
LVDS Fall time
See Figure 4
0.38
0.7
ns
t0
Output pulse position for bit 0
-0.8
0
0.8
t1
Output pulse position for bit 1
13.49
14.29
15.09
t2
Output pulse position for bit 2
27.77
28.57
29.37
t3
Output pulse position for bit 3
f = 10 MHz, See Figure 12
42.06
42.86
43.66
ns
t4
Output pulse position for bit 4
56.34
57.14
57.94
t5
Output pulse position for bit 5
70.63
71.43
72.23
t6
Output pulse position for bit 6
84.91
85.71
86.51
t0
Output pulse position for bit 0
–0.45
0
0.45
t1
Output pulse position for bit 1
5.26
5.71
6.16
t2
Output pulse position for bit 2
10.98
11.43
11.83
t3
Output pulse position for bit 3
f = 25 MHz, See Figure 12
16.69
17.14
17.54
ns
t4
Output pulse position for bit 4
22.41
22.86
23.26
t5
Output pulse position for bit 5
28.12
28.57
28.97
t6
Output pulse position for bit 6
33.84
34.29
34.69
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
7


Similar Part No. - SN75LVDT1422PAGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDT386 TI-SN75LVDT386 Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386 TI-SN75LVDT386 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386 TI-SN75LVDT386 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDT1422PAGRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
   14-Bit GMSL Deserializer
Rev 0; 2/16
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com