Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDMA202A1D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MDMA202A1D
Description  Minas A Series Digital AC Servo Motors & Drivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MDMA202A1D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MDMA202A1D Datasheet HTML 1Page - Panasonic Semiconductor MDMA202A1D Datasheet HTML 2Page - Panasonic Semiconductor MDMA202A1D Datasheet HTML 3Page - Panasonic Semiconductor MDMA202A1D Datasheet HTML 4Page - Panasonic Semiconductor MDMA202A1D Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MDMA Series
(Middle Inertia)
s
n
o
it
a
c
if
i
c
e
p
S
Cl
a
e
s
li
o
,t
f
a
h
s
d
n
u
o
R
Dl
a
e
s
li
o
&
e
k
a
r
b
,t
f
a
h
s
d
n
u
o
R
Gl
a
e
s
li
o
,t
f
a
h
s
y
e
K
Hl
a
e
s
li
o
&
e
k
a
r
b
,t
f
a
h
s
y
e
K
r
e
d
o
c
n
E
Al
a
t
n
e
m
e
r
c
n
i
r/
p
0
0
5
2
De
t
u
l
o
s
b
a
ti
b
7
1
e
s
u
,l
a
t
n
e
m
e
r
c
n
i
ti
b
7
1
r
o
F
t
u
o
h
ti
w
r
e
d
o
c
n
e
e
t
u
l
o
s
b
a
e
h
t
p
u
k
c
a
b
y
r
e
tt
a
b
y
l
p
p
u
S
r
e
w
o
P
2V
0
0
2
t
u
p
t
u
O
d
e
t
a
R
8
0
W
0
5
7
0
3
W
k
0
.
3
0
1
W
k
0
.
1
5
3
W
k
5
.
3
5
1
W
k
5
.
1
0
4
W
k
0
.
4
0
2
W
k
0
.
2
5
4
W
k
5
.
4
5
2
W
k
5
.
2
0
5
W
k
0
.
5
s
e
ir
e
S
A
M
D
M
Motor Output Range
0.75kW, 1.0kW, 1.5kW, 2.0kW, 2.5kW, 3.0kW, 3.5kW, 4.0kW, 4.5kW, 5.0kW
Middle Inertia Type
Rated Speed: 2000rpm
Maximum Speed: 3000rpm
Torque: From 94.77 to 632.37lb-in at peak
Applicable Amplifier
Use with MDDA Driver
Explanation of Part Numbers
M
D
M
A
0
2
A
1
G
2
12
3
4
5
67
8
9
10
MDMA Series
Middle Inertia
59
Whenever a doubt about safety arises from this product, please contact Aromat immediately for techinical consultation.
Design and specifications are subject to change without notice. Ask Aromat for technical specifications before purchase and/or use.


Similar Part No. - MDMA202A1D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDMA200P1600SA IXYS-MDMA200P1600SA Datasheet
188Kb / 5P
   Standard Rectifier Module
More results

Similar Description - MDMA202A1D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSMA PANASONIC-MSMA Datasheet
1Mb / 39P
   Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
   AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
   AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
   AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
   AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
   AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
   AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
   AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
   AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
   ELVM Series Servo Motors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com