Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8200-12 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8200-12
Description  40MSPS ADC with PGA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200-12 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8200-12 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Digital supply voltage, DVDD to DGND
-0.3V
+3.63V
Analog supply voltage, AVDD to AGND
-0.3V
+3.63V
Maximum voltage difference between AGND and DGND
-0.3V
+0.3V
Voltage range digital input (SCLK, SDIN, CSB, CLAMP)
DGND - 0.3V
DVDD + 0.3V
Voltage range analog inputs
AGND - 0.3V
AVDD + 0.3V
Voltage range CLK, MODE inputs
AGND - 0.3V
AVDD + 0.3V
Operating junction temperature range, TJ
-40
°C
+150
°C
Storage temperature
-65
°C
+150
°C
Package Body Temperature (soldering 10 seconds)
+240
°C
Package Body Temperature (soldering 2 minutes)
+183
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Digital supply range
DVDD
3.0
3.3
3.6
V
Analog supply range
AVDD
3.0
3.3
3.6
V
Ground
DGND, AGND
0
V
Clock frequency
fCLK
5
40
MHz
Clock duty cycle
45
50
55
%
Operating Free Air Temperature
TA
-40
85
°C


Similar Part No. - WM8200-12

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8213 CIRRUS-WM8213 Datasheet
671Kb / 38P
   24MSPS 16-bit CCD Digitiser
logo
Wolfson Microelectronic...
WM8213SCDR WOLFSON-WM8213SCDR Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
WM8213SCDS WOLFSON-WM8213SCDS Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
WM8213SCDS/RV WOLFSON-WM8213SCDS/RV Datasheet
671Kb / 38P
   24MSPS 16-bit CCD Digitiser
More results

Similar Description - WM8200-12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
Maxim Integrated Produc...
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com