Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8200-10IFL Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8200-10IFL
Description  40MSPS ADC with PGA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200-10IFL Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8200-10IFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200-10IFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200-10IFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM8200-10IFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8200-10IFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8200-10IFL Datasheet HTML 12Page - Wolfson Microelectronics plc WM8200-10IFL Datasheet HTML 13Page - Wolfson Microelectronics plc WM8200-10IFL Datasheet HTML 14Page - Wolfson Microelectronics plc WM8200-10IFL Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
11
CONTROL INTERFACE
The internal control registers are programmable via the 3-wire serial interface. SDIN is used for the
program data, SCLK is used to clock in the data and CSB is used to latch in the program data. The
3-wire interface protocol is shown in Figure 6.
Figure 6: 3-Wire Serial Interface
1.
A[3:0] are Control Address Bits
2.
D[7:0] are Control Data Bits
3.
CSB is edge sensitive – the data is latched on the rising edge of CSB.
REGISTER MAP
Table 3 shows the location of each control bit used to determine the operation of the WM8200. The
procedure for programming the register map is described in the CONTROL INTERFACE section.
BIT
ADDR
NAME
DEFAULT
(HEX)
B7
B6
B5
B4
B3
B2
B1
B0
0000
Clamp Reg 1
00
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
0001
Clamp Reg 2
00
0
0
0
0
0
0
DAC[9]
DAC[8]
0010
PGA Control
01
0
0
PGASENSE
PGAOFF
0
PGA[2]
PGA[1]
PGA[0]
0011
Control
00
0
0
0
CLPSEL
OEB
TWOSC
CLDIS
PD
0100 -
1111
Reserved
00
Reserved, do not write to these register locations
Table 3: Register Map
D7
D6
D5
D4
D3
D2
D1
D0
CSB
SCLK
SDIN
A3
A2
A1
A0
ADDRESS
DATA


Similar Part No. - WM8200-10IFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8213 CIRRUS-WM8213 Datasheet
671Kb / 38P
   24MSPS 16-bit CCD Digitiser
logo
Wolfson Microelectronic...
WM8213SCDR WOLFSON-WM8213SCDR Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
WM8213SCDS WOLFSON-WM8213SCDS Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
WM8213SCDS/RV WOLFSON-WM8213SCDS/RV Datasheet
671Kb / 38P
   24MSPS 16-bit CCD Digitiser
More results

Similar Description - WM8200-10IFL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
Maxim Integrated Produc...
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com