Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH6615 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH6615
Description  CPH6615
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6615 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH6615 Datasheet HTML 1Page - Sanyo Semicon Device CPH6615 Datasheet HTML 2Page - Sanyo Semicon Device CPH6615 Datasheet HTML 3Page - Sanyo Semicon Device CPH6615 Datasheet HTML 4Page - Sanyo Semicon Device CPH6615 Datasheet HTML 5Page - Sanyo Semicon Device CPH6615 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CPH6615
No.8069-4/6
[Nch]
[Nch]
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
IT07302
周囲温度, Ta -- °C
RDS(on) -- Ta
IT07304
0
0
400
24
8
610
12
1416
20
18
--60
--40
--20
0
20
40
60
80
100
120
140
160
350
150
200
250
300
100
50
0
300
100
150
250
50
200
Ta=25°C
ID=1.0A
1.5A
[Pch]
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
IT07303
0
0
800
--2
--4
--8
--6
--10
--12
--14
--16
--20
--18
700
200
100
300
400
500
600
Ta=25°C
ID= --0.5A
--1.0A
ID=1.0
A, VGS
=4V
ID=1.5
A, VGS=
10V
[Pch]
周囲温度, Ta -- °C
RDS(on) -- Ta
IT07305
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
600
100
200
300
400
500
ID= -
-0.5A,
VGS
= --4V
ID= --1.0
A, VGS= -
-10V
ダイオード順電圧, VSD -- V
IT07308
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.2
1.1
0.01
0.1
1.0
7
5
3
2
7
5
3
2
5
3
2
IF -- VSD
ドレイン電流, ID -- A
IT07306
yfs -- ID
0.1
0.01
57
23
57
23
1.0
23
7
5
1.0
7
5
7
2
3
5
2
3
0.1
1.0
7
5
7
2
3
5
2
3
0.1
VGS=0
[Nch]
[Nch]
ダイオード順電圧, VSD -- V
IT07309
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
--1.2
--1.1
--0.01
--0.1
--1.0
7
5
3
2
7
5
3
2
5
3
2
IF -- VSD
VGS=0
[Pch]
VDS=10V
ドレイン電流, ID -- A
IT07307
yfs -- ID
--0.1
--0.01
57
23
--1.0
27
5
3
Ta=
--25
°C
75°
C
25
°C
[Pch]
VDS= --10V
75
°C
25
°C
Ta=
--25
°C
57
23


Similar Part No. - CPH6615

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6612 SANYO-CPH6612 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH6613 SANYO-CPH6613 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH6614 SANYO-CPH6614 Datasheet
54Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
CPH6616 SANYO-CPH6616 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH6619 SANYO-CPH6619 Datasheet
58Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com