Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDMA352D1D Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MDMA352D1D
Description  Minas A Series Digital AC Servo Motors & Drivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MDMA352D1D Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MDMA352D1D Datasheet HTML 1Page - Panasonic Semiconductor MDMA352D1D Datasheet HTML 2Page - Panasonic Semiconductor MDMA352D1D Datasheet HTML 3Page - Panasonic Semiconductor MDMA352D1D Datasheet HTML 4Page - Panasonic Semiconductor MDMA352D1D Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MDMA Series
(Middle Inertia)
Dimensions
Units: mm(in)
e
k
a
r
BL
L
LM
L1
B
K2
B
KS
R
LW
LK
LW
KH
KH
R
t
u
o
h
ti
W
0
3
2
)
5
5
0
.
9
(
5
7
1
)
0
9
8
.
6
(
0
3
1
)
8
1
1
.
5
(
0
0
1
)
7
3
9
.
3
(
5
5
1
)
2
0
1
.
6
(
2
2
)
6
6
8
.
0
(
5
5
)
5
6
1
.
2
(
5
4
)
2
7
7
.
1
(
1
4
)
4
1
6
.
1
(
8
)
5
1
3
.
0
(
7
)
6
7
2
.
0
(
8
1
)
9
0
7
.
0
(
h
ti
W
5
5
2
)
9
3
0
.
0
1
(
0
0
2
)
4
7
8
.
7
(
5
5
1
)
2
0
1
.
6
(
5
2
1
)
1
2
9
.
4
(
0
8
1
)
7
8
0
.
7
(
MDMA152ccc - 1.5kW/200V
Note: Dimensions reflect incremental type motor. For absolute type motor dimensions, refer to the motor
specification.
Drawing not to scale
67


Similar Part No. - MDMA352D1D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDMA35P1200TG IXYS-MDMA35P1200TG Datasheet
272Kb / 5P
   Standard Rectifier Module
MDMA35P1600TG IXYS-MDMA35P1600TG Datasheet
272Kb / 5P
   Standard Rectifier Module
More results

Similar Description - MDMA352D1D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSMA PANASONIC-MSMA Datasheet
1Mb / 39P
   Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
   AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
   AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
   AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
   AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
   AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
   AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
   AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
   AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
   ELVM Series Servo Motors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com