Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040BN1TG Datasheet(PDF) 6 Page - STMicroelectronics

Part # M50FLW040BN1TG
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040BN1TG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M50FLW040BN1TG Datasheet HTML 2Page - STMicroelectronics M50FLW040BN1TG Datasheet HTML 3Page - STMicroelectronics M50FLW040BN1TG Datasheet HTML 4Page - STMicroelectronics M50FLW040BN1TG Datasheet HTML 5Page - STMicroelectronics M50FLW040BN1TG Datasheet HTML 6Page - STMicroelectronics M50FLW040BN1TG Datasheet HTML 7Page - STMicroelectronics M50FLW040BN1TG Datasheet HTML 8Page - STMicroelectronics M50FLW040BN1TG Datasheet HTML 9Page - STMicroelectronics M50FLW040BN1TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
M50FLW040A, M50FLW040B
6/52
SUMMARY DESCRIPTION
The M50FLW040 is a 4 Mbit (512Kb x8) non-vola-
tile memory that can be read, erased and repro-
grammed. These operations can be performed
using a single low voltage (3.0 to 3.6V) supply. For
fast programming and fast erasing in production
lines, an optional 12V power supply can be used
to reduce the erasing and programming time.
The memory is divided into 8 Uniform Blocks of
64 KBytes each, three of which are divided into 16
uniform sectors of 4 KBytes each (see APPENDIX
A. for details). All blocks and sectors can be
erased independently. So, it is possible to pre-
serve valid data while old data is erased. Blocks
can be protected individually to prevent accidental
program or erase commands from modifying their
contents.
Program and erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of
programming or erasing the memory by taking
care of all of the special operations that are re-
quired to update the memory contents. The end of
a program or erase operation can be detected and
any error conditions identified. The command set
to control the memory is consistent with the JE-
DEC standards.
Two different bus interfaces are supported by the
memory:
s
The primary interface, the FWH/LPC
Interface, uses Intel’s proprietary Firmware
Hub (FWH) and Low Pin Count (LPC)
protocol. This has been designed to remove
the need for the ISA bus in current PC
Chipsets. The M50FLW040 acts as the PC
BIOS on the Low Pin Count bus for these PC
Chipsets.
s
The secondary interface, the Address/
Address Multiplexed (or A/A Mux) Interface, is
designed to be compatible with current Flash
Programmers, for production line
programming prior to fitting the device in a PC
Motherboard.
The memory is supplied with all the bits erased
(set to ’1’).


Similar Part No. - M50FLW040BN1TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW040BN5G STMICROELECTRONICS-M50FLW040BN5G Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040BN5P STMICROELECTRONICS-M50FLW040BN5P Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040BN5TG STMICROELECTRONICS-M50FLW040BN5TG Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040BN5TP STMICROELECTRONICS-M50FLW040BN5TP Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040BNB5G STMICROELECTRONICS-M50FLW040BNB5G Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
More results

Similar Description - M50FLW040BN1TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW080A STMICROELECTRONICS-M50FLW080A Datasheet
534Kb / 64P
   8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
M50FLW040A STMICROELECTRONICS-M50FLW040A_06 Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50LPW116 STMICROELECTRONICS-M50LPW116 Datasheet
259Kb / 36P
   16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
February 2003
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
STMicroelectronics
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com