Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2357 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD2357
Description  Silicon NPN epitaxial planer type(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2357 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD2357 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2357 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD2357
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
160
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25˚C
2.5mA
2.0mA
1.5mA
1.0mA
3.0mA
I
B=3.5mA
Collector to emitter voltage V
CE
(V)
02.4
2.0
1.6
0.4
1.2
0.8
0
1.2
1.0
0.8
0.6
0.4
0.2
V
CE=2V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=100
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
600
500
400
300
200
100
Ta=75˚C
25˚C
–25˚C
V
CE=2V
Collector current I
C
(A)
–1
–10
–100
–1000
–3
–30
–300
0
240
200
160
120
80
40
V
CB=5V
f=200MHz
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
120
100
80
60
40
20
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)


Similar Part No. - 2SD2357

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2357 PANASONIC-2SD2357 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer typeFor low-frequency amplification)
logo
Guangdong Kexin Industr...
2SD2357 KEXIN-2SD2357 Datasheet
49Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD2357 KEXIN-2SD2357_15 Datasheet
852Kb / 2P
   NPN Transistors
More results

Similar Description - 2SD2357

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1424 PANASONIC-2SD1424 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1823 PANASONIC-2SD1823 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2359 PANASONIC-2SD2359 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1011 PANASONIC-2SD1011 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type For low-frequency amplification
2SD1450 PANASONIC-2SD1450 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com