Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

225226241474 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 225226241474
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

225226241474 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 225226241474 Datasheet HTML 5Page - List of Unclassifed Manufacturers 225226241474 Datasheet HTML 6Page - List of Unclassifed Manufacturers 225226241474 Datasheet HTML 7Page - List of Unclassifed Manufacturers 225226241474 Datasheet HTML 8Page - List of Unclassifed Manufacturers 225226241474 Datasheet HTML 9Page - List of Unclassifed Manufacturers 225226241474 Datasheet HTML 10Page - List of Unclassifed Manufacturers 225226241474 Datasheet HTML 11Page - List of Unclassifed Manufacturers 225226241474 Datasheet HTML 12Page - List of Unclassifed Manufacturers 225226241474 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2002 Sep 10
9
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
Z5U
±20% tolerance
1000 pF
50
15
A102M15Z5UF5UAA
2252 245 21102
100
15
A102M15Z5UH5UAA
2252 246 21102
2200 pF
50
15
A222M15Z5UF5UAA
2252 245 21222
4700 pF
50
15
A472M15Z5UF5UAA
2252 245 21472
0.01
µF
50
15
A103M15Z5UF5UAA
2252 245 21103
100
15
A103M15Z5UH5UAA
2252 246 21103
0.022
µF
50
15
A223M15Z5UF5UAA
2252 245 21223
0.047
µF
50
15
A473M15Z5UF5UAA
2252 245 21473
0.1
µF
50
15
A104M15Z5UF5UAA
2252 245 21104
100
20
A104M20Z5UH5UAA
2252 246 41104
0.22
µF
50
15
A224M15Z5UF5UAA
2252 245 21224
0.47
µF
50
20
A474M20Z5UF5UAA
2252 245 41474
0.68
µF
50
20
A684M20Z5UF5UAA
2252 245 41684
1.00
µF
50
20
A105M20Z5UF5UAA
2252 245 41105
Y5V +80/
−20% tolerance
0.01
µF
50
15
A103Z15Y5VF5UAA
2252 265 21103
0.022
µF
50
15
A223Z15Y5VF5UAA
2252 265 21223
0.047
µF
50
15
A473Z15Y5VF5UAA
2252 265 21473
0.1
µF
25
15
A104Z15Y5VE5UAA
2252 262 21104
50
15
A104Z15Y5VF5UAA
2252 265 21104
0.22
µF
25
20
A224Z20Y5VE5UAA
2252 262 41224
50
20
A224Z20Y5VF5UAA
2252 265 41224
0.47
µF
25
20
A474Z20Y5VE5UAA
2252 262 41474
50
20
A474Z20Y5VF5UAA
2252 265 41474
1.0
µF
25
20
A105Z20Y5VE5UAA
2252 262 41105
C
UR(DC)
(V)
SIZE
CODE
CLEAR TEXT CODE
CATALOGUE NUMBER


Similar Part No. - 225226241474

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2252202201011 ETC1-2252202201011 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
2252202201012 ETC1-2252202201012 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
2252202201013 ETC1-2252202201013 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
2252202201014 ETC1-2252202201014 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
2252202201018 ETC1-2252202201018 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - 225226241474

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com