Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7815ACC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TH7815ACC
Description  50 MHz 4096 Linear CCDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7815ACC Datasheet(HTML) 5 Page - ATMEL Corporation

  TH7815ACC Datasheet HTML 1Page - ATMEL Corporation TH7815ACC Datasheet HTML 2Page - ATMEL Corporation TH7815ACC Datasheet HTML 3Page - ATMEL Corporation TH7815ACC Datasheet HTML 4Page - ATMEL Corporation TH7815ACC Datasheet HTML 5Page - ATMEL Corporation TH7815ACC Datasheet HTML 6Page - ATMEL Corporation TH7815ACC Datasheet HTML 7Page - ATMEL Corporation TH7815ACC Datasheet HTML 8Page - ATMEL Corporation TH7815ACC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
TH7815ACC
1995A–IMAGE–04/02
The following diagram shows the detailed timing for the pixel readout:
Figure 3. Pixel Readout Timing Diagram
Exposure Time
Reduction
The TH7815ACC antiblooming structure provides an electronic shutter capability by
clocking phase
ΦA during the line period. The timing diagram is described below:
L1
Φ
L2
Φ
R
Φ
10%
90%
90%
10%
tr
tf
Tpixel
0 ns
10 ns
50%
Video signal
Reset Feedthrough
Offset in darkness
VIDEO OUTPUTS
±
floating diode level
Duty cycle: 50%
± 10%
Crossover at 50%
± 10%
Rise and fall time
10 ns
Rise and fall time
≤ 8 ns
Video outputs are synchronous
Video signal occurs on
ΦL2 falling edge
First useful pixel occurs on 5th
falling edge of
ΦL2 after ΦP
Antiblooming Gate
ΦA
Min.
Typ.
Max.
Unit
Clock Capacitance < 200 pF
High Level
8.5
9
9.5
V
Low Level Sets Saturation Level
Low Level
2
4
7
V
See Pixel Saturation Adjustment
Pulse Min.
200 ns


Similar Part No. - TH7815ACC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7813A ATMEL-TH7813A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7813ACC ATMEL-TH7813ACC Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7814A ATMEL-TH7814A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7814ACC ATMEL-TH7814ACC Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
More results

Similar Description - TH7815ACC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7814A ATMEL-TH7814A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
logo
Agilent(Hewlett-Packard...
MGA-53543 HP-MGA-53543 Datasheet
181Kb / 14P
   50 MHz to 6 GHz High Linear Amplifier
logo
Stealth Microwave, Inc.
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM08790-47LDL STEALTH_MICROWAVE-SM08790-47LDL Datasheet
114Kb / 2P
   869-896 MHz 50 Watt Linear Power Amplifier
SM08790-47 STEALTH_MICROWAVE-SM08790-47 Datasheet
176Kb / 3P
   869-900 MHz 50 Watt Linear Power Amplifier
SM3436-47 STEALTH_MICROWAVE-SM3436-47 Datasheet
214Kb / 2P
   3400-3600 MHz 50 Watt Linear Power Amplifier
SM09296-47 STEALTH_MICROWAVE-SM09296-47 Datasheet
107Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM0929647-LDL STEALTH_MICROWAVE-SM0929647-LDL Datasheet
161Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com