Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7887AVRH Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TH7887AVRH
Description  Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7887AVRH Datasheet(HTML) 1 Page - ATMEL Corporation

  TH7887AVRH Datasheet HTML 1Page - ATMEL Corporation TH7887AVRH Datasheet HTML 2Page - ATMEL Corporation TH7887AVRH Datasheet HTML 3Page - ATMEL Corporation TH7887AVRH Datasheet HTML 4Page - ATMEL Corporation TH7887AVRH Datasheet HTML 5Page - ATMEL Corporation TH7887AVRH Datasheet HTML 6Page - ATMEL Corporation TH7887AVRH Datasheet HTML 7Page - ATMEL Corporation TH7887AVRH Datasheet HTML 8Page - ATMEL Corporation TH7887AVRH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Features
1024 x 1024 Pixels with Memory Zone
Up to 60 Images/Second
Built-in Antiblooming Device Providing an Electronic Shutter Function
Pixel: 14 µmx 14 µm
Image Zone: 14.34 x 14.34 mm²
Four Outputs (256 x 1024 pixels) at 20 MHz Each
Possible Binning 2 x 2
Optical Shield against Parasitic Reflexions and Stray Light
A/R Window in 400 - 700 nm Bandwidth
Description
The TH7887A is especially designed for high data rate applications (up to 60 pict/s) in
medical and industrial fields.
This area array image sensor consists of a 1024 x 1024 pixels (14 µmx 14 µm) image
zone associated to a memory zone (masked with optical shield).
In order to increase data rate, the image zone is divided into four zones (256 x 1024
each) which are read in parallel through 4 different outputs (readout frequency up to
20 MHz/output leading to a total readout frequency of 80 MHz).
The TH7887A is designed with antiblooming gates.
Moreover, the 2 x 2 binning mode is available on this sensor. In this case, the image
size is 512 x 512 with 28 µmx 28 µm pixels. Each output will read 128 x 512 pixels.
The TH7887A is sealed with a specific anti-reflective window optimized in 400 -
700 nm bandwidth.
Area Array CCD
Image Sensor
1024 x 1024
Pixels with
Antiblooming
TH7887A
Rev. 2146A–IMAGE–05/02


Similar Part No. - TH7887AVRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7882CD ETC1-TH7882CD Datasheet
841Kb / 7P
   Area Array Charge-Coupled Device(CCD) Image Sensors
TH7882CD ETC1-TH7882CD Datasheet
735Kb / 6P
   TABLEAU RESUME DES DTC MATRICIELS
logo
STMicroelectronics
TH7883A STMICROELECTRONICS-TH7883A Datasheet
657Kb / 14P
   FULL FIELD CCD IMAGE SENSOR
TH7883AGCCQ-A STMICROELECTRONICS-TH7883AGCCQ-A Datasheet
657Kb / 14P
   FULL FIELD CCD IMAGE SENSOR
TH7883AGCCQA STMICROELECTRONICS-TH7883AGCCQA Datasheet
657Kb / 14P
   FULL FIELD CCD IMAGE SENSOR
More results

Similar Description - TH7887AVRH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
   1024 - BIT CCD IMAGE SENSOR
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com