Electronic Components Datasheet Search
Selected language     English  ▼


M62431FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M62431FP
Description  7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 3 page
background image
7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62431FP
MITSUBISHI SOUND PROCESSOR ICs
MITSUBISHI
ELECTRIC
(
/ 7 )
Note 1.When the IC use ± power supplies, the first, provide to AVDD the supply voltage, and then provide to AVSS.
The DVDD voltage must not supply before the analog supply voltage provide.
2.Standard circuit board.
RECOMMENDED OPERATING CONDITION (Ta=25 ˚C, unless otherwise noted)
Symbol
Limits
Unit
VIH
VIL
Parameter
Analog positive supply voltage
Logic "L" level input voltage
V
V
V
AVDD
Logic "H" level input voltage
Max.
Typ.
Min.
7.0
6.0
4.5
DVDD
DVDDX0.8
0
Test conditions
Analog negative supply voltage
V
AVSS
-7.0
-6.0
-4.5
Digital supply voltage
V
DVDD
5.5
5.0
4.5
Note 1
Note 1
DVDD
≤AVDD
DVDD=5V
DVDD=5V
DVDDX0.2
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Unit
DVDD
Pd
Parameter
Analog supply voltage
Power dissipation
V
mW
mW/˚C
14.6 (single) ±7.3 (± supply)
V
AVDD, AVSS
Topr
Tstg
Operating temperature
Storage temperature
˚C
Digital supply voltage
7.0
1000
10.0
-20 to +60
-40 to +125
˚C
Conditions
K
Thermal derating
Ta>25˚C
Equipped with standard board (Note 2)
Ta
≤25˚C
RELATIONSHIPS BETWEEN DATA AND CLOCK
H
L
H
L
H
L
H
L
SOUT
LATCH
CLOCK
DATA
D1^
D0^
D9^
D0
D1
D0"
D9
D8
D1
D0
Clock signal is invalid
when LATCH=H.
LATCH SIGNAL
Reads data signal at the rising edge of the clock.
Can be latch the data signal at the rising edge of the LATCH signal.
•board size
: 70mm X 70mm
•board thickness : 1.6mm
•board material
: Glass epoxy
•copper pattern
copper thickness: 18µm
copper size
: 0.25mm (width) X 25mm (length/lead)
3




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7337N7-Element Graphic Equalizer IC for Hi-Fi 1 2 3 4 Panasonic Semiconductor
AN7337NS7-element graphic equalizer IC for Hi-Fi audio equipment 1 2 3 Panasonic Semiconductor
CXA2513M3-Band Preset Graphic Equalizer IC with standby and memory on last preset mode 1 2 3 4 5 MoreSony Corporation
PT23895-Mode Preset Equalizer IC with Bass Booster & 3D Effect 1 2 3 4 Princeton Technology Corp
LC7565FLT Driver for Display of Graphic Equalizer 1 2 3 4 5 MoreSanyo Semicon Device
CXA1878QDolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier 1 2 3 4 5 MoreSony Corporation
KA7226DUAL EQUALIZER AMPLIFIER WITH ALC 1 2 3 4 5 MoreSamsung semiconductor
LC7520GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO MUSIC CENTER USE 1 2 Sanyo Semicon Device
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl