Electronic Components Datasheet Search
Selected language     English  ▼


M62431FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M62431FP
Description  7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 4 page
background image
7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62431FP
MITSUBISHI SOUND PROCESSOR ICs
MITSUBISHI
ELECTRIC
(
/ 7 )
TIMINGS OF CLOCKS AND DATA
tcr
75%
25%
tr
tf
tWHC
tWLC
75%
25%
tr
tf
tSD
tHD
tWHC
75%
25%
tr
tf
tSL
DATA
LATCH
CLOCK
DEFINITION OF TIMING IN DIGITAL PART
Symbol
Unit
tcr
tWHC
tWLC
Parameter
CLOCK pulse width ("H" level)
CLOCK pulse width ("L" level)
µsec
µsec
µsec
tr
tf
Rising time of CLOCK, DATA, LATCH
Falling time of CLOCK, DATA, LATCH
µsec
CLOCK cycle time
µsec
Limits
Max.
Typ.
Min.
tSD
tHD
DATA setup time
DATA hold time
µsec
µsec
tSL
tWHL
LATCH setup time
LATCH pulse width
µsec
µsec
4.0
1.6
1.0
0.8
0.8
1.6
1.6
0.4
0.4
4




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7337N7-Element Graphic Equalizer IC for Hi-Fi 1 2 3 4 Panasonic Semiconductor
AN7337NS7-element graphic equalizer IC for Hi-Fi audio equipment 1 2 3 Panasonic Semiconductor
CXA2513M3-Band Preset Graphic Equalizer IC with standby and memory on last preset mode 1 2 3 4 5 MoreSony Corporation
PT23895-Mode Preset Equalizer IC with Bass Booster & 3D Effect 1 2 3 4 Princeton Technology Corp
LC7565FLT Driver for Display of Graphic Equalizer 1 2 3 4 5 MoreSanyo Semicon Device
CXA1878QDolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier 1 2 3 4 5 MoreSony Corporation
KA7226DUAL EQUALIZER AMPLIFIER WITH ALC 1 2 3 4 5 MoreSamsung semiconductor
LC7520GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO MUSIC CENTER USE 1 2 Sanyo Semicon Device
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl