Electronic Components Datasheet Search
Selected language     English  ▼


M62431FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. M62431FP
Description  7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 6 page
background image
7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62431FP
MITSUBISHI SOUND PROCESSOR ICs
MITSUBISHI
ELECTRIC
(
/ 7 )
THERMAL DERATING (MAXIMUM RATING)
AMBIENT TEMPERATURE Ta (˚C)
0
25
50
75
150
0.5
1.0
1.5
100
0
650mW
125
60
(Note 1) Standard board
Size of printed circuit board
70mm X 70mm
Thickness of printed circuit board
1.6mm
Material of printed circuit board
Glass epoxy
Single-side Cu pattern
Thickness of Cu
18µm
Size of Cu pattern
0.25mm (Width) X 25mm (length)/lead
TYPICAL CHARACTERISTICS
Figure 1 is equivalent to Figure 2. Part constants are converted by
the below expression.
L=C2•R1•R2
FUNCTION DESCRIPTION
(1)Tone control circuit block
R1
R2
R3
C1
C2
FR
FO
FI
Fig.1 Resonance circuit
Center frequency
fo=1/2
π
C1•C2•R1•R2 [Hz]
Q=
C2•(R1•R2) / C1•(R1+R3)
(Example) In mid-band (f=1kHz)
R1=2k
Ω, R2=68kΩ
C1=3900pF, C2=0.047µF
2
R1
C1
L
Fig.2 Equivalent circuit using L
6




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7337N7-Element Graphic Equalizer IC for Hi-Fi 1 2 3 4 Panasonic Semiconductor
AN7337NS7-element graphic equalizer IC for Hi-Fi audio equipment 1 2 3 Panasonic Semiconductor
CXA2513M3-Band Preset Graphic Equalizer IC with standby and memory on last preset mode 1 2 3 4 5 MoreSony Corporation
PT23895-Mode Preset Equalizer IC with Bass Booster & 3D Effect 1 2 3 4 Princeton Technology Corp
LC7565FLT Driver for Display of Graphic Equalizer 1 2 3 4 5 MoreSanyo Semicon Device
CXA1878QDolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier 1 2 3 4 5 MoreSony Corporation
KA7226DUAL EQUALIZER AMPLIFIER WITH ALC 1 2 3 4 5 MoreSamsung semiconductor
LC7520GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO MUSIC CENTER USE 1 2 Sanyo Semicon Device
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl