Electronic Components Datasheet Search
Selected language     English  ▼


M62431FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M62431FP
Description  7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 1 page
background image
7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62431FP
MITSUBISHI SOUND PROCESSOR ICs
MITSUBISHI
ELECTRIC
(
/ 7 )
DESCRIPTION
The M62431FP is 2-channel 7-band graphic equalizer IC developed for home audio, car audio sets, etc. This
IC can be control by serial data from microcomputer.
FEATURES
Be able to operate with serial data from microcomputer
Can be gaining control of 7-band (±10dB and 2dB steps)
Power supply is single power supply or ± power supplies
Low nose VNO (flat)=5µVrms (typ)<JIS-A>
Low distortion THD=0.005% (typ)<HPF400Hz, LPF30kHz>
Outline 56P6N-A
0.8mm pitch QFP
(14.0mmX10.0mmX2.8mm)
RECOMMENDED OPERATING CONDITION
Supply voltage range............ AVDD, AVss=±4.5 to ±7.0V
(2 power supplies)
Or, AVDD=9 to 14V
(Single power supply AVss=0V)
DVDD=4.5 to 5.5V
(However, DVDD
≤AVDD)
SYSTEM CONFIGURATION
Rch IN
Rch OUT
CLK
LATCH
Lch IN
Lch OUT
µ-COM INTERFACE
DATA
7-ELEMENT GRAPHIC EQUALIZER
TONE CONTROL
1




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7337N7-Element Graphic Equalizer IC for Hi-Fi 1 2 3 4 Panasonic Semiconductor
AN7337NS7-element graphic equalizer IC for Hi-Fi audio equipment 1 2 3 Panasonic Semiconductor
CXA2513M3-Band Preset Graphic Equalizer IC with standby and memory on last preset mode 1 2 3 4 5 MoreSony Corporation
PT23895-Mode Preset Equalizer IC with Bass Booster & 3D Effect 1 2 3 4 Princeton Technology Corp
LC7565FLT Driver for Display of Graphic Equalizer 1 2 3 4 5 MoreSanyo Semicon Device
CXA1878QDolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier 1 2 3 4 5 MoreSony Corporation
KA7226DUAL EQUALIZER AMPLIFIER WITH ALC 1 2 3 4 5 MoreSamsung semiconductor
LC7520GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO MUSIC CENTER USE 1 2 Sanyo Semicon Device
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl