Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC62LS1008FI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UC62LS1008FI
Description  Low Power CMOS SRAM 128K x 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS1008FI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UC62LS1008FI Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS1008FI Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS1008FI Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS1008FI Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS1008FI Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS1008FI Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS1008FI Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS1008FI Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS1008FI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Low Power CMOS SRAM
128K X 8 Bits
UC62LS1008
-20/-25
AC TEST CONDITIONS
Input Pulse Levels
Input Rise and Fall Times
Input and Output Timing Reference Level
VCC/0V
1V/ns
0.5VCC
AC TEST LOADS AND WAVEFORMS
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1A
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1B
667
TERMINAL EQUIVALENT
OUTPUT
1.73V
GND
V
CC
1V/ns
1V/ns
10%
90%
90%
10%
ALL INPUT PULSES
FIGURE 2
KEY TO SWITCHING WAVEFORMS
WAVEFORMS
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGE
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE
STATE
UNKNOWN
DOES NOT
APPLY
CENTER LINE
IS HIGH
IMPEDANCE
OFF STATE
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, VCC=3.0V~3.6V)
READ CYCLE
UC62LS1008-20
UC62LS1008-25
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tRC
Read Cycle Time
20
-
-
25
-
-
ns
tAVQV
tAA
Address Access Time
-
-
20
-
-
25
ns
tELQV
tCE
Chip Select Access Time
-
-
20
-
-
25
ns
tGLQV
tOE
Output Enable to Output Valid
-
-
10
-
-
10
ns
tELQX
tCLZ
Chip Select to Output Low Z
5
-
-
5
-
-
ns
tGLQX
tOLZ
Output Enable to Output Low Z
3
-
-
3
-
-
ns
tEHQZ
tCHZ
Chip Deselect to Output in High Z
-
-
10
-
-
10
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
-
-
10
-
-
10
ns
tAXOX
tOH
Address Chang to Output Change
5
-
-
5
-
-
ns
U-Chip Technology Corp. LTD.
Preliminary
Rev. 1.0
Reserves the right to modify document contents without notice.
PAGE
4


Similar Part No. - UC62LS1008FI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008AC ETC1-UC62LS2008AC Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008AI ETC1-UC62LS2008AI Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008FC ETC1-UC62LS2008FC Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008FI ETC1-UC62LS2008FI Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
More results

Similar Description - UC62LS1008FI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com