Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3015EJ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG3015EJ
Description  30V,1.5A ULTRA LOW VFMEGA SCHOTTKY BARRIER RECTIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3015EJ Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG3015EJ Datasheet HTML 1Page - NXP Semiconductors PMEG3015EJ Datasheet HTML 2Page - NXP Semiconductors PMEG3015EJ Datasheet HTML 3Page - NXP Semiconductors PMEG3015EJ Datasheet HTML 4Page - NXP Semiconductors PMEG3015EJ Datasheet HTML 5Page - NXP Semiconductors PMEG3015EJ Datasheet HTML 6Page - NXP Semiconductors PMEG3015EJ Datasheet HTML 7Page - NXP Semiconductors PMEG3015EJ Datasheet HTML 8Page - NXP Semiconductors PMEG3015EJ Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
9397 750 14917
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 8 April 2005
3 of 9
Philips Semiconductors
PMEG3015EH; PMEG3015EJ
30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
For Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses. Nomograms for determining the reverse
power losses PR and IF(AV) rating are available on request.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6:
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
Table 7:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
PMEG3015EH
[1] [2] -
-
330
K/W
[2] [3] -
-
150
K/W
PMEG3015EJ
[1] [2] -
-
350
K/W
[2] [3] -
-
150
K/W
Rth(j-sp)
thermal resistance from junction
to solder point
PMEG3015EH
-
-
60
K/W
PMEG3015EJ
-
-
55
K/W
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =1mA
[1] -
125
160
mV
IF =10mA
[1] -
185
220
mV
IF = 100 mA
[1] -
255
290
mV
IF = 500 mA
[1] -
330
380
mV
IF =1A
[1] -
400
480
mV
IF = 1.5 A
[1] -
440
550
mV
IR
reverse current
VR = 10 V
-
60
150
µA
VR = 30 V
-
400
1000
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
-
60
72
pF


Similar Part No. - PMEG3015EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3015EJ PHILIPS-PMEG3015EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG3015EJ NXP-PMEG3015EJ Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3015EJ NEXPERIA-PMEG3015EJ Datasheet
697Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03 - 13 January 2010
More results

Similar Description - PMEG3015EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1020EA PHILIPS-PMEG1020EA Datasheet
54Kb / 8P
   Ultra low VFMEGA Schottky barrier diode
2003 Mar 07
logo
Sanyo Semicon Device
SBM1503S SANYO-SBM1503S Datasheet
45Kb / 3P
   Schottky Barrier Diode 30V, 1.5A Rectifier
logo
PACELEADER INDUSTRIAL
PSL24-N PACELEADER-PSL24-N Datasheet
415Kb / 4P
   1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V
logo
Sanyo Semicon Device
SBH1503S SANYO-SBH1503S Datasheet
45Kb / 3P
   Schottky Barrier Diode 30V, 1.5A Rectifier
logo
Pan Jit International I...
BD10H150CS PANJIT-BD10H150CS_16 Datasheet
712Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR20H150CT PANJIT-MBR20H150CT Datasheet
463Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR30H150CT PANJIT-MBR30H150CT Datasheet
280Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBHA10200LR-HF COMCHIP-CDBHA10200LR-HF Datasheet
468Kb / 4P
   Ultra Low VF Schottky Barrier Rectifiers
REV:A
logo
Pan Jit International I...
BD10H150CS PANJIT-BD10H150CS Datasheet
401Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR1H150 PANJIT-MBR1H150 Datasheet
264Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com